Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 280 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 280 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 276Page - Texas Instruments AM3871 Datasheet HTML 277Page - Texas Instruments AM3871 Datasheet HTML 278Page - Texas Instruments AM3871 Datasheet HTML 279Page - Texas Instruments AM3871 Datasheet HTML 280Page - Texas Instruments AM3871 Datasheet HTML 281Page - Texas Instruments AM3871 Datasheet HTML 282Page - Texas Instruments AM3871 Datasheet HTML 283Page - Texas Instruments AM3871 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Table 8-68. Bulk Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
DDR_1V5 bulk bypass capacitor count(1)
6
Devices
2
DDR_1V5 bulk bypass total capacitance
140
μF
(1)
These devices should be placed near the devices they are bypassing, but preference should be given to the placement of the
high-speed (HS) bypass capacitors and DDR3 signal routing.
8.13.1.2.9 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critcal for proper DDR3 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, MPU/DDR power, and
MPU/DDR ground connections. Table 8-69 contains the specification for the HS bypass capacitors as well
as for the power connections on the PCB. Generally speaking, it is good to:
1. Fit as many HS bypass capacitors as possible.
2. Minimize the distance from the bypass cap to the pins/balls being bypassed.
3. Use the smallest physical sized capacitors possible with the highest capacitance readily available.
4. Connect the bypass capacitor pads to their vias using the widest traces possible and using the largest
hole size via possible.
5. Minimize via sharing. Note the limites on via sharing shown in Table 8-69.
Table 8-69. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
HS bypass capacitor package size(1)
201
402
10 Mils
2
Distance, HS bypass capacitor to MPU being bypassed(2)(3)(4)
400
Mils
3
MPU DDR_1V5 HS bypass capacitor count
70
Devices
4
MPU DDR_1V5 HS bypass capacitor total capacitance
5
μF
5
Number of connection vias for each device power/ground ball(5)
Vias
6
Trace length from device power/ground ball to connection via(2)
35
70
Mils
7
Distance, HS bypass capacitor to DDR device being bypassed(6)
150
Mils
8
DDR3 device HS bypass capacitor count(7)
12
Devices
9
DDR3 device HS bypass capacitor total capacitance(7)
0.85
μF
10
Number of connection vias for each HS capacitor(8)(9)
2
Vias
11
Trace length from bypass capacitor connect to connection via(2)(9)
35
100
Mils
12
Number of connection vias for each DDR3 device power/ground ball(10)
1
Vias
13
Trace length from DDR3 device power/ground ball to connection via(2)(8)
35
60
Mils
(1)
LxW, 10-mil units, i.e., a 0402 is a 40x20-mil surface-mount capacitor.
(2)
Closer/shorter is better.
(3)
Measured from the nearest MPU power/ground ball to the center of the capacitor package.
(4)
Three of these capacitors should be located underneath the MPU, between the cluster of DDR_1V5 balls and ground balls, between the
DDR interfaces on the package.
(5)
See the Via Channel
™ escape for the MPU package.
(6)
Measured from the DDR3 device power/ground ball to the center of the capacitor package.
(7)
Per DDR3 device.
(8)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board. No sharing of
vias is permitted on the same side of the board.
(9)
An HS bypass capacitor may share a via with a DDR device mounted on the same side of the PCB. A wide trace should be used for the
connection and the length from the capacitor pad to the DDR device pad should be less than 150 mils.
(10) Up to a total of two pairs of DDR power/ground balls may share a via.
8.13.1.2.9.1 Return Current Bypass Capacitors
Use additional bypass capacitors if the return current reference plane changes due to DDR3 signals
hopping from one signal layer to another. The bypass capacitor here provides a path for the return current
to hop planes along with the signal. As many of these return current bypass capacitors should be used as
possible. Since these are returns for signal current, the signal via size may be used for these capacitors.
280
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com