Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 324 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 324 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 320Page - Texas Instruments AM3871 Datasheet HTML 321Page - Texas Instruments AM3871 Datasheet HTML 322Page - Texas Instruments AM3871 Datasheet HTML 323Page - Texas Instruments AM3871 Datasheet HTML 324Page - Texas Instruments AM3871 Datasheet HTML 325Page - Texas Instruments AM3871 Datasheet HTML 326Page - Texas Instruments AM3871 Datasheet HTML 327Page - Texas Instruments AM3871 Datasheet HTML 328Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 345 page
background image
SPI_SCS[x] (Out)
SPI_SCLK (Out)
SPI_SCLK (Out)
SPI_D[x] (In)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
8
9
3
4
2
1
2
3
5
SPI_SCS[x] (Out)
SPI_SCLK (Out)
SPI_SCLK (Out)
SPI_D[x] (In)
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=1
EPOL=1
POL=0
POL=1
8
9
3
2
1
2
3
1
4
5
4
5
5
4
1
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Figure 8-93. SPI Master Mode Receive Timing
Table 8-96. Timing Requirements for SPI - Slave Mode
(see Figure 8-94 and Figure 8-95)
OPP100
NO.
UNIT
MIN
MAX
1
tc(SPICLK)
Cycle time, SPI_CLK(1)(2)
62.5(3)
ns
2
tw(SPICLKL)
Pulse duration, SPI_CLK low(1)
0.5*P - 3(4)
ns
3
tw(SPICLKH)
Pulse duration, SPI_CLK high(1)
0.5*P - 3(4)
ns
4
tsu(MOSI-SPICLK)
Setup time, SPI_D[x] valid before SPI_CLK active edge(1)
12.92
ns
5
th(SPICLK-MOSI)
Hold time, SPI_D[x] valid after SPI_CLK active edge(1)
12.92
ns
6
td(SPICLK-MISO)
Delay time, SPI_CLK active edge to SPI_D[x] transition(1)
-4.00
17.1
ns
Delay time, SPI_SCS[x] active edge to SPI_D[x]
7
td(SCS-MISO)
17.1
ns
transition(5)
8
tsu(SCS-SPICLK)
Setup time, SPI_SCS[x] valid before SPI_CLK first edge(1)
12.92
ns
(1)
This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
Related to the input maximum frequency supported by the SPI module.
(3)
Maximum frequency = 16 MHz
(4)
P = SPICLK period.
(5)
PHA = 0; SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
324
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com