Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 327 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 327 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 323Page - Texas Instruments AM3871 Datasheet HTML 324Page - Texas Instruments AM3871 Datasheet HTML 325Page - Texas Instruments AM3871 Datasheet HTML 326Page - Texas Instruments AM3871 Datasheet HTML 327Page - Texas Instruments AM3871 Datasheet HTML 328Page - Texas Instruments AM3871 Datasheet HTML 329Page - Texas Instruments AM3871 Datasheet HTML 330Page - Texas Instruments AM3871 Datasheet HTML 331Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
8.20 Timers
The device has eight 32-bit general-purpose (GP) timers (TIMER8 - TIMER1) that have the following
features:
•
TIMER8, TIMER1 are for software use and do not have an external connection
•
Dedicated input trigger for capture mode and dedicated output trigger/pulse width modulation (PWM)
signal
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Supported modes:
– Compare and capture modes
– Auto-reload mode
– Start-stop mode
•
TIMER[8:1] functional clock is sourced from either the DEVOSC, AUXOSC, AUD_CLK2/1/0, TCLKIN,
or SYSCLK18 27 MHz as selected by the timer clock multiplexers.
•
On-the-fly read/write register (while counting)
•
Generates interrupts to the ARM and Media Controller.
The device has one system watchdog timer that have the following features:
•
Free-running 32-bit upward counter
•
On-the-fly read/write register (while counting)
•
Reset upon occurrence of a timer overflow condition
•
The system watchdog timer has two possible clock sources:
– RCOSC32K oscillator
– RTCDIVIDER
•
The watchdog timer is used to provide a recovery mechanism for the device in the event of a fault
condition, such as a non-exiting code loop.
For more detailed information, see the TMS320DM814x DMSoC 32-Bit Timers User's Guide (TBD).
8.20.1 Timer Peripheral Register Descriptions
Table TBD and Table TBD show the registers for the Timers 1-8 and the Watchdog Timer (WDT0).
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Timings
327
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com