Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 340 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 340 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 336Page - Texas Instruments AM3871 Datasheet HTML 337Page - Texas Instruments AM3871 Datasheet HTML 338Page - Texas Instruments AM3871 Datasheet HTML 339Page - Texas Instruments AM3871 Datasheet HTML 340Page - Texas Instruments AM3871 Datasheet HTML 341Page - Texas Instruments AM3871 Datasheet HTML 342Page - Texas Instruments AM3871 Datasheet HTML 343Page - Texas Instruments AM3871 Datasheet HTML 344Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 345 page
background image
PREFIX
X
AM3874
X = Experimental Device
P = Prototype Device
Null = Production Device
SILICON REVISION
CYE
( )
( )
DEVICE
AM387x Sitara™ ARM Microprocessors (MPUs):
AM3874
AM3872
AM3871
B = Revision 2.1
B
DEVICE SPEED RANGE
80 = 800-MHz ARM
100 = 1000-MHz ARM
TEMPERATURE RANGE
Blank = 0°C to 90°C, Commercial Temperature
A = -40°C to 105°C, Extended Temperature
PACKAGE TYPE
(A)
CYE = 684-Pin Plastic BGA, with Pb-Free Die Bump
and Solder Ball
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
Figure 9-1 provides a legend for reading the complete device name for any AM387x MPU platform
member.
For device part numbers and further ordering information of AM387x devices in the CYE package type,
see the TI website (www.ti.com) or contact your TI sales representative.
For additional description of the device nomenclature markings on the die, see the AM387x Sitara
™ ARM
Processors Silicon Errata (Silicon Revision 2.1) (Literature Number: SPRZ345).
A.
BGA = Ball Grid Array
B.
For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
C.
The TEMPERATURE RANGE values are specified over operating junction temperature.
Figure 9-1. Device Nomenclature(B)(C)
9.2
Documentation Support
The following document describes the AM387x Sitara
™ ARM MPUs.
SPRUGZ7
AM387x Sitara ARM Microporcessors (MPUs) Technical Reference Manual.
9.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
340
Device and Documentation Support
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com