Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 341 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 341 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 337Page - Texas Instruments AM3871 Datasheet HTML 338Page - Texas Instruments AM3871 Datasheet HTML 339Page - Texas Instruments AM3871 Datasheet HTML 340Page - Texas Instruments AM3871 Datasheet HTML 341Page - Texas Instruments AM3871 Datasheet HTML 342Page - Texas Instruments AM3871 Datasheet HTML 343Page - Texas Instruments AM3871 Datasheet HTML 344Page - Texas Instruments AM3871 Datasheet HTML 345Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 341 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
10 Mechanical
The device package has been specially engineered with a new technology called Via Channel
™. This
allows larger than normal PCB via sizes and reduced PCB signal layers to be used in a PCB design with
this 0.8-mm pitch package, and will substantially reduce PCB costs. It allows PCB routing in only two
signal layers (four layers total) due to the increased layer efficiency of the Via Channel
™ BGA technology.
10.1 Thermal Data for CYE-04 (Top Hat)
Table 10-1. Thermal Resistance Characteristics (PBGA Package) [CYE-04] (Thinner Top Hat)
NO.
°C/W(1)
AIR FLOW (m/s)(2)
1
R
ΘJC
Junction-to-case
0.39
N/A
2
R
ΘJB
Junction-to-board
3.87
N/A
3
R
ΘJA
Junction-to-free air
11.67
0.00
5
8.59
1.00
6
R
ΘJMA
Junction-to-moving air
7.80
2.00
7
7.33
3.00
8
0.19
0.00
10
0.20
1.00
PsiJT
Junction-to-package top
11
0.20
2.00
12
0.21
3.00
13
3.44
0.00
15
3.37
1.00
PsiJB
Junction-to-board
16
3.26
2.00
17
3.17
3.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system (with the exception of the Theta JC [R
ΘJC] measurement,
which was conducted in a JEDEC defined 1S0P system) and will change based on environment as well as application. For more
information, see these EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
Power dissipation of 2 W and an ambient temperature of 70
ºC is assumed.
(2)
m/s = meters per second
10.2 Packaging Information
The following packaging information and addendum reflects the most current data available for the
designated device(s). This data is subject to change without notice and without revision of this document.
Copyright
© 2011, Texas Instruments Incorporated
Mechanical
341
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com