| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 111 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 111 Page - Texas Instruments |
|
111 / 345 page ![]() AM3874, AM3872, AM3871 www.ti.com SPRS695 – SEPTEMBER 2011 3.2.20 UART Table 3-36. UART0 Terminal Functions SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. UART0 – IPU UART0 Receive Data Input. Functions as IrDA receive input UART0_RXD AH5 I PINCNTL70 DVDD in IrDA modes and CIR receive input in CIR mode. DSIS: PIN – IPU UART0 Transmit Data Output. Functions as CIR transmit UART0_TXD AG5 O PINCNTL71 DVDD output in CIR mode. DSIS: PIN UART0_RTS/ UART4, DCAN1, UART4_TXD/ UART0 Request to Send Output. Indicates module is ready IPU SPI[1], SD2 DCAN1_RX/ AF5 O to receive data. Functions as transmit data output in IrDA DVDD PINCNTL73 SPI[1]_SCS[2]/ modes. DSIS: PIN SD2_SDCD UART0_CTS/ UART4, DCAN1, UART4_RXD/ IPU SPI[1], SD0 UART0 Clear to Send Input. Functions as SD transceiver DCAN1_TX/ AE6 I/O DVDD PINCNTL72 control output in IrDA and CIR modes. SPI[1]_SCS[3]/ DSIS: 1 SD0_SDCD UART0_DTR/ UART3, UART1, UART3_CTS/ IPU GP1 AG2 O UART0 Data Terminal Ready Output UART1_TXD/ DVDD PINCNTL76 GP1[4] DSIS: PIN UART0_DSR/ UART3_TXD/ UART3, SPI[0], SPI[0]_SCS[2]/ IPU I2C[2], SD1, GP1 AG4 I UART0 Data Set Ready Input I2C[2]_SDA/ DVDD PINCNTL75 SD1_SDWP/ DSIS: 1 GP1[3] UART0_DCD/ UART3_RXD/ UART3, SPI[0], SPI[0]_SCS[3]/ IPU I2C[2], SD1, GP1 AH4 I UART0 Data Carrier Detect Input I2C[2]_SCL/ DVDD PINCNTL74 SD1_POW/ DSIS: 1 GP1[2] UART0_RIN/ UART3, UART1, UART3_RTS/ IPU GP1 AF4 I UART0 Ring Indicator Input UART1_RXD/ DVDD PINCNTL77 GP1[5] DSIS: 1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011, Texas Instruments Incorporated Device Pins 111 Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |