| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 112 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 112 Page - Texas Instruments |
|
112 / 345 page ![]() AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com Table 3-37. UART1 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. UART1 EMAC[0]_MTXD[5]/ EMAC[0], EMAC[1]_RGTXC/ EMAC[1], GPMC IPD EMAC[1]_RMCRSDV/ F27 I PINCNTL255 DVDD_GPMC GPMC_A[12]/ DSIS: 1 UART1_RXD MM: MUX1 UART1 Receive Data Input. Functions as IrDA receive input in IrDA modes and CIR receive input in CIR mode. UART0, UART3, UART0_RIN/ GP1 UART3_RTS/ IPU AF4 I PINCNTL77 UART1_RXD/ DVDD DSIS: 1 GP1[5] MM: MUX0 EMAC[0]_MTXD[6]/ EMAC[0], EMAC[1]_RGRXD[0]/ EMAC[1], GPMC IPD EMAC[1]_RMTXD[0]/ J22 O PINCNTL256 DVDD_GPMC GPMC_A[13]/ DSIS: PIN UART1_TXD MM: MUX1 UART1 Transmit Data Output. Functions as CIR transmit output in CIR mode. UART0, UART3, UART0_DTR/ GP1 UART3_CTS/ IPU AG2 O PINCNTL76 UART1_TXD/ DVDD DSIS: PIN GP1[4] MM: MUX0 EMAC[0]_MTXEN/ EMAC[0], EMAC[1]_RGRXD[2]/ UART1 Request to Send Output. Indicates module is IPD EMAC[1], GPMC EMAC[1]_RMTXEN/ J23 O ready to receive data. Functions as transmit data output DVDD_GPMC PINCNTL258 GPMC_A[15]/ in IrDA modes. DSIS: PIN UART1_RTS EMAC[0]_MTXD[7]/ EMCA[0], EMAC[1]_RGTXD[3]/ IPD EMAC[1], GPMC UART1 Clear to Send Input. Functions as SD EMAC[1]_RMTXD[1]/ H24 I/O DVDD_GPMC PINCNTL257 transceiver control output in IrDA and CIR modes. GPMC_A[14]/ DSIS: 1 UART1_CTS (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 112 Device Pins Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |