| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 122 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 122 Page - Texas Instruments |
|
122 / 345 page ![]() AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com Table 3-43. Video Input 0 (Digital) Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VIN[0]A_FLD/ VIN[0]A, UART5, Video Input 0 Port B Vertical Sync1 input. Discrete VIN[0]B_VSYNC/ IPU I2C[2], GP2 vertical synchronization signal for Port B 8-bit YCbCr UART5_RXD/ AA20 I DVDD PINCNTL136 capture without embedded syncs ( “BT.601” modes). Not I2C[2]_SCL/ DSIS:0 used in RGB or 16-bit YCbCr capture modes. GP2[1] Video Input 0 Port A Vertical Sync0 input. Discrete VIN[0]A_VSYNC/ UART5, GP2 IPU vertical synchronization signal for Port A RGB capture UART5_CTS/ AD20 I PINCNTL139 DVDD mode or YCbCr capture without embedded syncs GP2[4] DSIS: 0 ( “BT.601” modes). CAMERA_I/F, Video Input 0 Port B Field ID input. Discrete field VIN[0]B_FLD/ IPU GP0 identification signal for Port B 8-bit YCbCr capture CAM_D[4]/ AD17 I DVDD_C PINCNTL167 without embedded syncs ( “BT.601” modes). Not used in GP0[21] DSIS: 0 RGB or 16-bit YCbCr capture modes. CAMERA_I/F, VIN[0]A_FLD/ GP0 IPU CAM_D[5]/ AC22 I PINCNTL166 DVDD_C GP0[20] DSIS: 0 Video Input 0 Port A Field ID input. Discrete field MM: MUX1 identification signal for Port A RGB capture mode or YCbCr capture without embedded syncs ( “BT.601” VIN[0]A_FLD/ VIN[0]B, UART5, modes). VIN[0]B_VSYNC/ I2C[2], GP2 IPU UART5_RXD/ AA20 I PINCNTL136 DVDD I2C[2]_SCL/ DSIS: 0 GP2[1] MM: MUX0 CAMERA_I/F, VIN[0]B_DE/ Video Input 0 Port B Data Enable input. Discrete data IPU GP0 CAM_D[6]/ AC15 I valid signal for Port B RGB capture mode or YCbCr DVDD_C PINCNTL165 GP0[19] capture without embedded syncs ( “BT.601” modes). DSIS: 0 CAMERA_I/F, VIN[0]A_DE/ GP0 IPU CAM_D[7]/ AB17 I PINCNTL164 DVDD_C GP0[18] DSIS: 0 Video Input 0 Port A Data Enable input. Discrete data MM: MUX1 valid signal for Port A RGB capture mode or YCbCr VIN[0]A_DE/ VIN[0]B, UART5, capture without embedded syncs ("BT.601" modes). VIN[0]B_HSYNC/ I2C[2], GP2 IPU UART5_TXD/ AE21 I PINCNTL135 DVDD I2C[2]_SDA/ DSIS: 0 GP2[0] MM: MUX0 122 Device Pins Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |