Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 121Page - Texas Instruments AM3871 Datasheet HTML 122Page - Texas Instruments AM3871 Datasheet HTML 123Page - Texas Instruments AM3871 Datasheet HTML 124Page - Texas Instruments AM3871 Datasheet HTML 125Page - Texas Instruments AM3871 Datasheet HTML 126Page - Texas Instruments AM3871 Datasheet HTML 127Page - Texas Instruments AM3871 Datasheet HTML 128Page - Texas Instruments AM3871 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-44. Video Input 1 (Digital) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_B_CB_C[2]/
VOUT[1], GPMC,
GPMC_A[0]/
HDMI, SPI[2],
VIN[1]A_D[7]/
IPU
AF28
I
GP3
HDMI_CEC/
DVDD
PINCNTL231
SPI[2]_D[0]/
DSIS: PIN
GP3[30]
VOUT[1]_B_CB_C[9]/
VOUT[1],
EMAC[1]_MRXD[5]/
EMAC[1], I2C[3],
IPD
VIN[1]A_D[6]/
AA24
I
GP3
DVDD
I2C[3]_SDA/
PINCNTL214
GP3[6]
DSIS: PIN
VOUT[1]_B_CB_C[8]/
VOUT[1],
EMAC[1]_MRXD[4]/
EMAC[1], I2C[3],
IPD
VIN[1]A_D[5]/
AH26
I
GP3
DVDD
I2C[3]_SCL/
PINCNTL213
GP3[5]
DSIS: PIN
VOUT[1]_B_CB_C[7]/
VOUT[1],
EMAC[1]_MRXD[3]/
EMAC[1],
IPD
VIN[1]A_D[4]/
AC25
I
UART3, GP3
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
DVDD
UART3_TXD/
PINCNTL212
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP3[4]
DSIS: PIN
D[7:0] are Port A YCbCr data inputs. For RGB capture,
D[23:16] are R, D[15:8] are G, and D[7:0] are B Port A
VOUT[1]_B_CB_C[6]/
VOUT[1],
data inputs.
EMAC[1]_MRXD[2]/
EMAC[1],
IPD
VIN[1]A_D[3]/
AD25
I
UART3, GP3
DVDD
UART3_RXD/
PINCNTL211
GP3[3]
DSIS: PIN
VOUT[1]_B_CB_C[5]/
VOUT[1],
EMAC[1]_MRXD[1]/
EMAC[1],
IPD
VIN[1]A_D[2]/
AF25
I
UART4, GP3
DVDD
UART4_TXD/
PINCNTL210
GP3[2]
DSIS: PIN
VOUT[1]_B_CB_C[4]/
VOUT[1],
EMAC[1]_MRXD[0]/
EMAC[1],
IPD
VIN[1]A_D[1]/
AG25
I
UART4, GP3
DVDD
UART4_RXD/
PINCNTL209
GP3[1]
DSIS: PIN
VOUT[1]_B_CB_C[3]/
VOUT[1],
EMAC[1]_MRCLK/
EMAC[1],
IPD
VIN[1]A_D[0]/
AH25
I
UART4, GP3
DVDD
UART4_CTS/
PINCNTL208
GP3[0]
DSIS: PIN
EMAC[0]_MRXD[2]/
EMAC[0]_RGRXD[1]/
EMAC[0], GP3
IPD
VIN[1]B_D[7]/
R23
I
PINCNTL242
DVDD_GPMC
EMAC[0]_RMTXEN/
DSIS: PIN
GP3[30]
EMAC[0]_MRXD[1]/
EMAC[0]_RGRXD[0]/
EMAC[0], GP3
IPD
VIN[1]B_D[6]/
P23
I
PINCNTL241
DVDD_GPMC
EMAC[0]_RMTXD[1]/
DSIS: PIN
GP3[29]
Video Input 1 Port B Data inputs. For 8-bit capture,
EMAC[0]_MRXD[0]/
B_D[7:0] are Port B YCbCr data inputs.
EMAC[0]_RGTXD[0]/
EMAC[0], GP3
IPD
VIN[1]B_D[5]/
G28
I
PINCNTL240
DVDD_GPMC
EMAC[0]_RMTXD[0]/
DSIS: PIN
GP3[28]
EMAC[0]_MRCLK/
EMAC[0]_RGTXC/
EMAC[0], SPI[3],
VIN[1]B_D[4]/
IPD
GP3
H27
I
EMAC[0]_RMCRSDV/
DVDD_GPMC
PINCNTL239
SPI[3]_SCS[2]/
DSIS: PIN
GP3[27]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
125
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com