Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 125Page - Texas Instruments AM3871 Datasheet HTML 126Page - Texas Instruments AM3871 Datasheet HTML 127Page - Texas Instruments AM3871 Datasheet HTML 128Page - Texas Instruments AM3871 Datasheet HTML 129Page - Texas Instruments AM3871 Datasheet HTML 130Page - Texas Instruments AM3871 Datasheet HTML 131Page - Texas Instruments AM3871 Datasheet HTML 132Page - Texas Instruments AM3871 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-46. Video Output 1 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
Video Output 1
VOUT[1]_CLK/
EMAC[1],
EMAC[1]_MTCLK/
IPD
VIN[1]A, GP2
AE24
O
Video Output Clock output
VIN[1]A_HSYNC/
DVDD
PINCNTL204
GP2[28]
DSIS: N/A
VOUT[1]_G_Y_YC[9]/
EMAC[1],
EMAC[1]_MTXD[2]/
IPD
VIN[1]A, GP3
AD26
O
VIN[1]A_D[14]/
DVDD
PINCNTL221
GP3[13]
DSIS: N/A
VOUT[1]_G_Y_YC[8]/
EMAC[1],
EMAC[1]_MTXD[1]/
IPD
VIN[1]A, GP3
Video Output Data. These signals represent the 8 MSBs
AE26
O
VIN[1]A_D[13]/
DVDD
PINCNTL220
of G/Y/YC video data. For RGB mode they are green
GP3[12]
DSIS: N/A
data bits, for YUV444 mode they are Y data bits, for Y/C
mode they are Y (Luma) data bits and for BT.656 mode
VOUT[1]_G_Y_YC[7]/
EMAC[1],
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
EMAC[1]_MTXD[0]/
IPD
VIN[1]A, GP3
AF26
O
bits.
VIN[1]A_D[12]/
DVDD
PINCNTL219
GP3[11]
DSIS: N/A
VOUT[1]_G_Y_YC[6]/
EMAC[1],
EMAC[1]_GMTCLK/
IPD
VIN[1]A, GP3
AH27
O
VIN[1]A_D[11]/
DVDD
PINCNTL218
GP3[10]
DSIS: N/A
VOUT[1]_G_Y_YC[5]/
EMAC[1],
EMAC[1]_MRXDV/
IPD
VIN[1]A, GP3
AG26
O
VIN[1]A_D[10]/
DVDD
PINCNTL217
GP3[9]
DSIS: N/A
VOUT[1]_G_Y_YC[4]/
EMAC[1],
EMAC[1]_MRXD[7]/
IPD
VIN[1]A, GP3
W22
O
VIN[1]A_D[9]/
DVDD
PINCNTL216
Video Output Data. These signals represent the 8 MSBs
GP3[8]
DSIS: N/A
of G/Y/YC video data. For RGB mode they are green
VOUT[1]_G_Y_YC[3]
EMAC[1],
data bits, for YUV444 mode they are Y data bits, for Y/C
EMAC[1]_MRXD[6]/
IPD
VIN[1]A, GP3
mode they are Y (Luma) data bits and for BT.656 mode
Y23
O
VIN[1]A_D[8]/
DVDD
PINCNTL215
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
GP3[7]
DSIS: N/A
bits.
VOUT[1]_G_Y_YC[2]/
GPMC_A[13]/
GPMC, VIN[1]A,
VIN[1]A_D[21]/
HDMI, SPI[2],
IPU
HDMI_SCL/
AF27
O
I2C[2], GP3
DVDD
SPI[2]_SCS[2]/
PINCNTL228
I2C[2]_SCL/
DSIS: N/A
GP3[20]
VOUT[1]_G_Y_YC[1]/
CAMERA_I/F,
CAM_D[3]/
GPMC, UART4,
IPU
Video Output Data. These signals represent the 2 LSBs
GPMC_A[5]/
AD18
O
GP0
DVDD_C
of G/Y/YC video data for 10-bit, 20-bit, and 30-bit video
UART4_RXD/
PINCNTL168
modes (VOUT[1] only). For RGB mode they are green
GP0[22]
DSIS: N/A
data bits, for YUV444 mode they are Y data bits, for Y/C
VOUT[1]_G_Y_YC[0]/
CAMERA_I/F,
mode they are Y (Luma) data bits and for BT-656 mode
CAM_D[2]/
GPMC, UART4,
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
IPD
GPMC_A[6]/
AC18
O
GP0
bits. These signals are not used in 8/16/24-bit modes.
DVDD_C
UART4_TXD/
PINCNTL169
GP0[23]
DSIS: N/A
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
129
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com