Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 149Page - Texas Instruments AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
Table 5-48. DQS[x] and DQ[x] Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center DQS[x] spacing
2w
2
DQS[x] differential pair skew length mismatch(2)
25
mils
3
Center-to-center DDR_DQS[x] to other DDR2 trace spacing(3)
4w
4
DQS[x]/DQ[x] nominal trace length(4)
DQLM-50
DQLM
DQLM+50
mils
5
DQ[x]-to-DQS[x] skew length mismatch(4)
100
mils
6
DQ[x]-to-DQ[x] skew length mismatch(4)
100
mils
7
Center-to-center DQ[x] to other DDR2 trace spacing(3)(5)
4w
8
Center-to-center DQ[x] to other DQ[x] trace spacing(3)(6)
3w
(1) DQS[x] represents the DQS0 and DQS1 clock net classes, and DQ[x] represents the DQ0 and DQ1 signal net classes.
(2) Differential impedance should be Zo x 2, where Zo is the single-ended impedance defined in Table 5-39.
(3) Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(4) There is no requirement, and it is not recommended, to skew match between data bytes; i.e., from net classes DQS0 and DQ0 to net
classes DQS1 and DQ1.
(5) Signals from one DQ net class should be considered other DDR2 traces to another DQ net class.
(6) DQLM is the longest Manhattan distance of each of the DQS[x] and DQ[x] net classes.
Copyright
© 2011–2012, Texas Instruments Incorporated
Peripheral Information and Timings
153
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com