Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments AM3359 Datasheet HTML 158Page - Texas Instruments AM3359 Datasheet HTML 159Page - Texas Instruments AM3359 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 195 page
background image
DQ7
DQ0
DQS
DQS#
DQ7
DQ0
DQS
DQS#
CK#
8-Bit DDR3
Devices
0.1 µF
49.9
1 , 20 mW
(± %
)
0.1 µF
0.1 µF
16-Bit DDR3
Interface
DDR_D15
DDR_D8
DDR_DQS1
DDR_DQSn1
DDR_D7
DDR_D0
DDR_DQS0
DDR_DQSn0
DDR_CK
DDR_CKn
DDR_ODT
DDR_CSn0
DDR_BA0
DDR_BA1
DDR_BA2
DDR_A0
DDR_A15
DDR_CASn
DDR_RASn
DDR_WEn
DDR_CKE
DDR_RESETn
DDR_VREF
DDR_VTP
8
8
15
CK
ODT
BA1
BA0
BA2
CS#
A0
A15
CAS#
RAS#
WE#
RESET#
CKE
ZQ
VREFDQ
VREFCA
ZQ
CK#
CK
ODT
BA1
BA0
BA2
CS#
A0
A15
CAS#
RAS#
WE#
RESET#
CKE
ZQ
VREFDQ
VREFCA
Termination is required. See terminator comments.
Zo
Value determined according to the DDR3 memory device data sheet.
ZQ
0.1 µF
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
VDDS_DDR
TDQS#
NC
NC
TDQS#
0.1 µF
DM/TDQS
DDR_DQM1
DM/TDQS
DDR_DQM0
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
Figure 5-43. 16-Bit DDR3 Interface Using Two 8-Bit DDR3 Devices
156
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com