Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 160 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments AM3359 Datasheet HTML 158Page - Texas Instruments AM3359 Datasheet HTML 159Page - Texas Instruments AM3359 Datasheet HTML 160Page - Texas Instruments AM3359 Datasheet HTML 161Page - Texas Instruments AM3359 Datasheet HTML 162Page - Texas Instruments AM3359 Datasheet HTML 163Page - Texas Instruments AM3359 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 195 page
background image
DDR3 Keepout Region
DDR3 Interface
Encompasses Entire
DDR3 Routing Area
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
5.4.2.3.3.5 DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 5-45. This region should encompass all DDR3
circuitry and the region size varies with component placement and DDR3 routing. Additional clearances
required for the keepout region are shown in Table 5-54. Non-DDR3 signals should not be routed on the
same signal layer as DDR3 signals within the DDR3 keepout region. Non-DDR3 signals may be routed in
the region provided they are routed on layers separated from DDR3 signal layers by a ground layer. No
breaks should be allowed in the reference ground or VDDS_DDR power plane in this region. In addition,
the VDDS_DDR power plane should cover the entire keepout region.
Figure 5-45. DDR3 Keepout Region
5.4.2.3.3.6 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry.
Table 5-55 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the AM335x DDR3 interface and DDR3 device(s).
Additional bulk bypass capacitance may be needed for other circuitry.
Table 5-55. Bulk Bypass Capacitors(1)
NO.
PARAMETER
MIN
MAX
UNIT
1
AM335x VDDS_DDR bulk bypass capacitor count
2
Devices
2
AM335x VDDS_DDR bulk bypass total capacitance
20
μF
3
DDR3#1 bulk bypass capacitor count
2
Devices
4
DDR3#1 bulk bypass total capacitance
20
μF
5
DDR3#2 bulk bypass capacitor count(2)
2
Devices
6
DDR3#2 bulk bypass total capacitance(2)
20
μF
(1) These devices should be placed near the devices they are bypassing, but preference should be given to the placement of the
high-speed (HS) bypass capacitors and DDR3 signal routing.
(2) Only used when two DDR3 devices are used.
160
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com