Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 29Page - Integrated Device Technology ACS32201 Datasheet HTML 30Page - Integrated Device Technology ACS32201 Datasheet HTML 31Page - Integrated Device Technology ACS32201 Datasheet HTML 32Page - Integrated Device Technology ACS32201 Datasheet HTML 33Page - Integrated Device Technology ACS32201 Datasheet HTML 34Page - Integrated Device Technology ACS32201 Datasheet HTML 35Page - Integrated Device Technology ACS32201 Datasheet HTML 36Page - Integrated Device Technology ACS32201 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
IDT CONFIDENTIAL
28
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
Figure 13. Constant Output Power nominal and high/low
3.14.2.2. Under Voltage Lock Out
When the PVDD supply becomes low, the BTL amplifier may be disabled to help prevent undesir-
able amplifier operation (overheat) or system level problems (battery under-voltage.)
The same circuit that monitors the PVDD supply to help maintain a constant output power is used to
monitor the PVDD supply for a critical under-voltage situation. If the sense circuit consistently returns
a 0 code then the PVDD supply is less than the minimum required for proper operation. To prevent
accidental shutdown due to a noisy supply at the minimum operating range, the output of the PVDD
sense circuit will be averaged for at least 200ms.
3.14.2.3. Registers
•
Constant Output Power 1
Register Address
Bit
Label
Type
Default
Description
R34 (22h)
Constant Output
Power 1
7
COPAtten
RW
0
1 = Constant Output Power function will use attenuate
the BTL output if the PVDD sense circuit returns a code
higher than the target value.
6COPGain
RW
0
1 = Constant Output Power function will use attenuate
the BTL output if the PVDD sense circuit returns a code
higher than the target value.
5
HDeltaEn
RW
0
1 = If the PVDD code value has changed more than 4
counts since the last gain adjustment, the output will be
reduced rapidly then slowly returned to the target level.
4:0
COPTarget[4:0]
RW
8h
5-bit target for the Constant Output Power function.
Table 38. Constant Output Power 1 Register
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
3.1
4.1
5.1
Off
Nom
Hi
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com