Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 48Page - Integrated Device Technology ACS32201 Datasheet HTML 49Page - Integrated Device Technology ACS32201 Datasheet HTML 50Page - Integrated Device Technology ACS32201 Datasheet HTML 51Page - Integrated Device Technology ACS32201 Datasheet HTML 52Page - Integrated Device Technology ACS32201 Datasheet HTML 53Page - Integrated Device Technology ACS32201 Datasheet HTML 54Page - Integrated Device Technology ACS32201 Datasheet HTML 55Page - Integrated Device Technology ACS32201 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
47
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
6.2.
Device Characteristics
(Tambient = 25 ºC, DVDD_CORE=DVDD_IO=AVDD=1.9V, PVDD=3.6V, 997Hz signal, fs=48KHz, Input Gain=0dB, 24-bit audio)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Speaker Outputs (L+, L-, R+, R- with 8ohms bridge-tied load)
Full Scale Output Level
VFSOV
PVDD=5V
PVDD=3.6V
3.0
2.1
Vrms
Output Power
PO
997Hz full scale signal, output
power mode disabled
PVDD=5V, 8ohm
PVDD=3.6V, 8ohm
1
0.5
W(ave)
PVDD = 5V, 4 ohm
DIDD = 3.6V, 4 ohm
2
1
W(ave)
Signal to Noise Ratio
SNR
A-weighted
90
dB
Total Harmonic Distortion +
Noise
THD+N
5V/8ohms/0.5W
0.05
%
Speaker Supply Leakage
Current
IPVDD
1uA
Efficiency
h
PVDD=3.6V RL=8,PO = 0.5W
PVDD=5V RL=8,PO = 1W
PVDD=3.6V RL=4,PO = 1W
PVDD=5V RL=4,PO = 2W
87
87
83
83
%
Analog Voltage Reference Levels
Charge Pump Output
V-
-5%
-AVDD
+100mV
+5%
V
Digital Input/Output
ADC/DAC BCLK input rate
Fmax
30
MHz
I2S BCLK/LRCLK ratio
32
1022
clocks/
frame
Input High Level
VIH
0.7x
DVDD_
IO
V
Input LOW Level
VIL
0.3x
DVDD_IO
V
Output High Level
VOH
IOH=-1mA
0.9x DVDD_IO
V
Output LOW Level
VOL
IOL=1mA
0.1xDVDD_IO
V
Input Capacitance
5pF
Input Leakage
-0.9
0.9
uA
ESD / Latchup
IEC1000-4-2
1
Level
JESD22-A114-B
2
Class
JESD22-C101
4
Class
Table 65. Device Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com