Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 4Page - Integrated Device Technology ACS32201 Datasheet HTML 5Page - Integrated Device Technology ACS32201 Datasheet HTML 6Page - Integrated Device Technology ACS32201 Datasheet HTML 7Page - Integrated Device Technology ACS32201 Datasheet HTML 8Page - Integrated Device Technology ACS32201 Datasheet HTML 9Page - Integrated Device Technology ACS32201 Datasheet HTML 10Page - Integrated Device Technology ACS32201 Datasheet HTML 11Page - Integrated Device Technology ACS32201 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
IDT CONFIDENTIAL
3
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
2. POWER MANAGEMENT
2.1.
Control Registers
The ACS32201 has control registers to enable system software to control which functions are active. To minimize
power consumption, unused functions should be disabled. To avoid audio artifacts, it is important to enable or disable
functions in the correct order.
2.2.
Stopping the Master Clock
In order to minimize digital core power consumption, the master clock may be stopped in Standby and OFF modes by
setting the DIGENB bit (R25, bit 0).
Note: Before DIGENB can be set, the control bits SPKL and SPKR must be set to zero and a
waiting time of 100ms must be observed to allow port ramping/gain fading to complete. Any failure
to follow this procedure may cause pops or, if less than 1mS, may prevent the DACs from
re-starting correctly.
Register Address
Bit
Label
Type
Default
Description
0x1A
Power Management 1
7:1
RSVD
RW
0
Reserved
0DIGENB
RW
0
Master clock disable
0: master clock enabled, 1: master clock disabled
Table 1. Power Management Register 1
Register Address
Bit
Label
Type
Default
Description
0x1B
Power Management 2
7:5
RSVD
RW
0
Reserved
4
SPKL
RW
0
LSPK Output Buffer
0 = Power down, 1 = Power up
3
SPKR
RW
0
RSPK Output Buffer
0 = Power down, 1 = Power up
2:1
RSVD
RW
0
Reserved
0VREF
RW
0
VREF (necessary for all other functions)
0 = Power down, 1 = Power up
Table 2. Power Management Register 2
Register Address
Bit
Label
Type
Default
Description
0x1A
Power Management 1
0DIGENB
RW
0
Master clock disable
0 = master clock enabled, 1 = master clock disabled
Table 3. Power Management Register1 -- Master Clock Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com