Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 1 Page - Integrated Device Technology

  ACS32201 Datasheet HTML 1Page - Integrated Device Technology ACS32201 Datasheet HTML 2Page - Integrated Device Technology ACS32201 Datasheet HTML 3Page - Integrated Device Technology ACS32201 Datasheet HTML 4Page - Integrated Device Technology ACS32201 Datasheet HTML 5Page - Integrated Device Technology ACS32201 Datasheet HTML 6Page - Integrated Device Technology ACS32201 Datasheet HTML 7Page - Integrated Device Technology ACS32201 Datasheet HTML 8Page - Integrated Device Technology ACS32201 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
DATASHEET
PORTABLE CONSUMER DEVICE
LOW-POWER, HIGH-FIDELITY CLASS-D AMPLIFIER
ACS32201
IDT CONFIDENTIAL
1
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
The ACS32201 is a low-power, high-fidelity Class-D ampli-
fier targeted at portable applications such as tablet com-
puters, personal navigation devices, portable projectors
and speaker docks.
Built-in audio processing and a
DDXTM Class-D digital speaker amplifier provide high fidel-
ity audio for portable systems with enriched “audio pres-
ence”.
TARGET APPLICATIONS
•
Tablet Computers
•
Portable Navigation Devices
•
Personal Media Players
•
Portable Projectors
•
Speaker Docks
FEATURES
•
Filterless Stereo DDXTM Class D
Speaker Driver
•
1W/channel (8
Ω) or 2W/channel
(4
Ω), 0.05% THD+N typical
•
Tri-state DDXTM Class D achieves low EMI and high
efficiency
•
>80% efficiency at 1W
•
Spread spectrum support for reduced EMI output power
mode
•
Anti-Pop circuitry
•
Built in audio controls and processing
•
3D stereo enhancement
•
Dual (cascaded) stereo 6-band parametric equalizers
•
Programmable Compressor/Limiter/Expander
•
Psychoacoustic Bass and Treble enhancement
processing
•I2S data interface
•
Low power with built in power management
•
Very low standby and no-signal power consumption
•
1.8V digital / 1.7V analog supply for low power
•
2-wire (I2C compatible) control interface
•
Package Options
•
68-pin dual row 6x6 mm TLA package
•
36-pin single row 5x5 mm HLA package
PRELIMINARY
DDXTM and the DDX logo are trademarks of Apogee Technology.


Similar Part No. - ACS32201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS32D INTERSIL-ACS32D Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
logo
Renesas Technology Corp
ACS32D RENESAS-ACS32D Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
logo
Intersil Corporation
ACS32DMSR-03 INTERSIL-ACS32DMSR-03 Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
ACS32HMSR-03 INTERSIL-ACS32HMSR-03 Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
ACS32K INTERSIL-ACS32K Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
More results

Similar Description - ACS32201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7750-N1D PHILIPS-SAA7750-N1D Datasheet
1Mb / 66P
Generic device for portable multimedia applications
2002 Jan 21
logo
STMicroelectronics
L7208 STMICROELECTRONICS-L7208 Datasheet
52Kb / 3P
Portable consumer electronics spindle and VCM motor controller
21-Sep-2006
logo
Integrated Device Techn...
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
PORTABLE CONSUMER CODEC
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
PORTABLE CONSUMER CODEC
logo
First Components Intern...
LP2951 FCI-LP2951 Datasheet
122Kb / 3P
100mA Low Drop Out Voltage Regulators Portable consumer equipment
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
Portable Ethernet lightning protection device
logo
ams AG
LTRBR37G AMSCO-LTRBR37G Datasheet
2Mb / 32P
This device was designed for low profile consumer applications.
Version 1.3 2022-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com