| Electronic Components Datasheet Search |
|
ACS32201 Datasheet(PDF) 6 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ACS32201 Datasheet(HTML) 6 Page - Integrated Device Technology |
|
6 / 65 page ![]() IDT CONFIDENTIAL 1 V0.8 04/11 ©2011 INTEGRATED DEVICE TECHNOLOGY, INC. ACS422X68 ACS422x68 LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER LIST OF FIGURES Figure 1. ACS32201 Block Diagram ................................................................................................................2 Figure 2. Output Audio Processing ..................................................................................................................4 Figure 3. Prescaler & EQ Filters ......................................................................................................................6 Figure 4. 6-Tap IIR Equalizer Filter ..................................................................................................................7 Figure 5. DAC Coefficient RAM Write Sequence .............................................................................................9 Figure 6. DAC Coefficient RAM Read Sequence ...........................................................................................10 Figure 7. Gain Compressor, Output vs Input .................................................................................................13 Figure 8. Compressor block diagram .............................................................................................................15 Figure 9. 3-D Channel Inversion ....................................................................................................................20 Figure 10. Bass Enhancement .......................................................................................................................21 Figure 11. Treble Enhancement ....................................................................................................................23 Figure 12. Constant Output Power Error ........................................................................................................27 Figure 13. Constant Output Power nominal and high/low ..............................................................................28 Figure 14. Temp sense volume adjustment algorithm ...................................................................................34 Figure 15. Master mode .................................................................................................................................37 Figure 16. Slave mode ...................................................................................................................................37 Figure 17. Left Justified Audio Interface (assuming n-bit word length) ..........................................................38 Figure 18. Right Justified Audio Interface (assuming n-bit word length) ........................................................38 Figure 19. I2S Justified Audio Interface (assuming n-bit word length) ...........................................................39 Figure 20. Bit Clock mode ..............................................................................................................................41 Figure 21. 2-Wire Serial Control Interface ......................................................................................................41 Figure 22. Multiple Write Cycle ......................................................................................................................42 Figure 23. Read Cycle ...................................................................................................................................42 Figure 24. Multiple Read Cycle ......................................................................................................................43 Figure 25. ACS32201 TAG Pinout .................................................................................................................51 Figure 26. ACS32201 NAG Pinout ................................................................................................................52 Figure 27. Package Outline ...........................................................................................................................57 Figure 28. NAG/HLA Package Outline ...........................................................................................................58 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |