Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 31Page - Integrated Device Technology ACS32201 Datasheet HTML 32Page - Integrated Device Technology ACS32201 Datasheet HTML 33Page - Integrated Device Technology ACS32201 Datasheet HTML 34Page - Integrated Device Technology ACS32201 Datasheet HTML 35Page - Integrated Device Technology ACS32201 Datasheet HTML 36Page - Integrated Device Technology ACS32201 Datasheet HTML 37Page - Integrated Device Technology ACS32201 Datasheet HTML 38Page - Integrated Device Technology ACS32201 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
IDT CONFIDENTIAL
30
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
•
PWM Control 0 Register
•
PWM Control 1 Register
•
PWM Control 2 Register
•
PWM Control 3 Register
Register Address
Bit
Label
Type
Default
Description
R66 (42h)
PWM0
7:5
SCTO
RW
11
Class-D Short Circuit Detect Time-out
00 = 10uS
01 = 100uS
10 = 500uS
11 = 100mS
5UVLO
RW
1
Under Voltage Lock Out
1 = BTL output disabled if PVDD sense circuit returns
code 0
4
roundup
RW
1
1 = roundup, 0 = truncate for quantizer
3
bfclr
RW
0
1 = disable binomial filter
2
fourthorder
RW
1
1 = 4th order binomial filter; 0 = 3rd order
1
add3_sel
RW
0
1 = 24-bit Noise Shaper output (pre-quantizer)
0 = 8/9/10-bit quantizer output
0
quantizer_sel
RW
0
Table 42. PWM0 Register
Register Address
Bit
Label
Type
Default
Description
R67 (43h)
PWM1
7
RSVD
R
0
Reserved
6:2
dithpos[4:0]
RW
0
Dither position, where dither inserted after NS.
0,1,2 = dither bits 2:0
4 = dither bits 3:1
5 = dither bits 4:1
....
19 = dither bits 19:17
1
dith_range
RW
0
1 = dither -1 to +1, 0 = -3 to +3
0
dithclr
RW
0
1 = disable dither
Table 43. PWM1 Register
Register Address
Bit
Label
Type
Default
Description
R68 (44h)
PWM2
7:2
dvalue[5:0]
RW
18h
dvalue constant field
1
pwm_outflip
RW
0
1 = swap pwm a/b output pair for all channels
The control lines to the power stage are swapped
inverting the output signal.
0
pwm_outmode
RW
1
1 = tristate, 0 = binary
Table 44. PWM2 Register
Register Address
Bit
Label
Type
Default
Description
R69 (45h)
PWM3
7:6
outctrl[1:0]
RW
00
pwm output muxing
0 = normal
1 = swap 0/1
2 = ch0 on both
3 = ch1 on both
5:0
cvalue[5:0]
RW
0Ah
tristate constant field, must be even and not 0
Table 45. PWM3 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com