Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 41Page - Integrated Device Technology ACS32201 Datasheet HTML 42Page - Integrated Device Technology ACS32201 Datasheet HTML 43Page - Integrated Device Technology ACS32201 Datasheet HTML 44Page - Integrated Device Technology ACS32201 Datasheet HTML 45Page - Integrated Device Technology ACS32201 Datasheet HTML 46Page - Integrated Device Technology ACS32201 Datasheet HTML 47Page - Integrated Device Technology ACS32201 Datasheet HTML 48Page - Integrated Device Technology ACS32201 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
IDT CONFIDENTIAL
40
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
4.7.2.
Audio Interface Output Tri-state
TRI is used to tri-state the DACLRCK and DACBCLK pins. In Slave mode (MASTER=0) all pins are configured as
inputs. The Tri-stated pins are pulled low with an internal pull-down resistor unless that resistor is disabled.
4.7.3.
Audio Interface Control 3 Register
4.8.
Bit Clock Mode
The default master mode bit clock generator automatically produces a bit clock frequency based on the sample rate
and word length. When enabled by setting the appropriate BCM bits, the bit clock mode (BCM) function overrides the
default master mode bit clock generator to produce the bit clock frequency shown below: Note that selecting a word
length of 24-bits in Auto mode generates 64 clocks per frame (64fs)
.
The BCM mode bit clock generator produces 16, 20, or 32 bit cycles per sample.
Register Address
Bit
Label
Type
Default
Description
R20 (14h)
Audio Interface
Control 2
(AIC2)
7:6
DACDSEL[1:0]
RW
00
00: left DAC = left I2S data; right DAC = right I2S data
01: left DAC = left I2S data; right DAC = left I2S data
10: left DAC = right I2S data; right DAC = right I2S data
11: left DAC = right I2S data; right DAC = left I2S data
5:4
RSVD
RW
00
Reserved
3TRI
RW
0
Tri-states DACLRCLK and DACBCLK pins.
0 = DACLRCLK and DACBCLK are inputs (slave mode)
or outputs (master mode)
1 = DACLRCLK and DACBCLK are high impedance
2:0
BLRCM[2:0]
RW
000
Bitclock and LRClock mode. See Table Below
Table 54. AIC2 Register
Register Address
Bit
Label
Type
Default
Description
R21 (15h)
Audio Interface
Control 3
(AIC3)
7:3
RSVD
R
0
Reserved
2
DDIPDD
RW
0
DACDIN Pull-Down Disable
0 = Pull-Down active
1 = Pull-Down always disabled
1DLRPDD
RW
0
DACLRCLK Pull-Down Disable
0 = Pull-Down active when configured as input
1 = Pull-Down always disabled
0
DBCPDD
RW
0
DACBCLK Pull-Down Disable
0 = Pull-Down active when configured as input
1 = Pull-Down always disabled
Table 55. AIC3 Register
Register Address
Bit
Label
Type
Default
Description
R25 (17h/19h
DAC Sample Rate
Control
7:6
DBCM[1:0]
RW
00
BCLK Frequency
00 = Auto
01 = 32 x fs
10 = 40 x fs
11 = 64 x fs
Table 56. Master Mode BCLK Frequency Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com