Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 7Page - Integrated Device Technology ACS32201 Datasheet HTML 8Page - Integrated Device Technology ACS32201 Datasheet HTML 9Page - Integrated Device Technology ACS32201 Datasheet HTML 10Page - Integrated Device Technology ACS32201 Datasheet HTML 11Page - Integrated Device Technology ACS32201 Datasheet HTML 12Page - Integrated Device Technology ACS32201 Datasheet HTML 13Page - Integrated Device Technology ACS32201 Datasheet HTML 14Page - Integrated Device Technology ACS32201 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
IDT CONFIDENTIAL
6
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
3.3.
Digital DAC Volume Control
The signal volume can be controlled digitally, across a gain and attenuation range of -95.25dB to 0dB (0.375dB steps).
The level of attenuation is specified by an eight-bit code, ‘DACVOL_x’, where ‘x’ is L, or R. The value “00000000” indi-
cates mute; other values select the number of 0.375dB steps above -95.625dB for the volume level.
3.4.
Parametric Equalizer
The ACS32201 has a dual 6-band digital parametric equalizer to enable fine tuning of the audio response and prefer-
ences for a given system. Each EQ may be enabled or disabled independently. Typically one EQ will be used for
speaker compensation and disabled when only headphones are in use while the other EQ is used to alter the audio to
make it more pleasing to the listener. This function operates on the digital audio data before it is converted back to ana-
log by the audio DACs.
In all, 186 bytes of memory are required to store the parameters for each equalizer: each filter requires 5, 24-bit coeffi-
cients. There are 6 filters per channel, requiring a total of 180 bytes of EQ coefficient RAM. Two additional 24-bit values
per channel store the prescale value, resulting in 372 bytes total, described later. Rather than having all 372 bytes be in
the I2C address space of the device, access to the EQ ram occurs through the Control/Status registers.
3.4.1.
Prescaler & Equalizer Filter
The Equalizer Filter consists of a Prescaler and 6 cascaded 6-tap IIR Filters. The Prescaler allows
the input to be attenuated prior to the EQ filters in case the EQ filters introduce gain, and would thus
clip if not prescaled.
IDT provides a tool to enable an audio designer to determine appropriate coefficients for the equal-
izer filters. The filters enable the implementation of a 6-band parametric equalizer with selectable fre-
quency bands, gain, and filter characteristics (high, low, or bandpass).
Figure 3. Prescaler & EQ Filters
Register Address
Bit
Label
Type
Default
Description
R4 (04h)
Left DAC
Volume Control
7:0
DACVOL_L
[7:0]
RW
FF
(0dB)
Left DAC Volume Level
0000 0000 = Digital Mute
0000 0001 = -95.25dB
0000 0010 = -94.875dB
... 0.375dB steps up to
1111 1111 = 0dB
Note: If DACVOLU is set, this setting will take effect
after the next write to the Right Input Volume register.
R5 (05h)
Right DAC
Volume Control
7:0
DACVOL_R
[7:0]
RW
FF
(0dB)
Right DAC Digital Volume Level
0000 0000 = Digital Mute
0000 0001 = -95.25dB
0000 0010 = -94.875dB
... 0.375dB steps up to
1111 1111 = 0dB
Table 8. DAC Volume Control Registers
DATA IN
eq_prescale
EQ
Filter 0
DATA OUT
EQ
Filter 1
EQ
Filter 2
EQ
Filter 3
EQ
Filter 4
EQ
Filter 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com