Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 51Page - Integrated Device Technology ACS32201 Datasheet HTML 52Page - Integrated Device Technology ACS32201 Datasheet HTML 53Page - Integrated Device Technology ACS32201 Datasheet HTML 54Page - Integrated Device Technology ACS32201 Datasheet HTML 55Page - Integrated Device Technology ACS32201 Datasheet HTML 56Page - Integrated Device Technology ACS32201 Datasheet HTML 57Page - Integrated Device Technology ACS32201 Datasheet HTML 58Page - Integrated Device Technology ACS32201 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
IDT CONFIDENTIAL
50
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
Note:
•
Registers not described in this map should be considered “reserved”.
•
Numerous portions of the register map are compatible with popular codecs from other vendors.
R52 (34h)
EXPRAT
Expander Ratio
EXPRAT2
EXPRAT1
EXPRAT0
00h
R53 (35h)
XATKTCL
Expander Attack time constant
Low
XATKTC7
XATKTC6
XATKTC5
XATKTC4
XATKTC3
XATKTC2
XATKTC1
XATKTC0
00h
R54 (36h)
XATKTCH
Expander Attack time constant
High
XATKTC15
XATKTC14
XATKTC13
XATKTC12
XATKTC11
XATKTC10
XATKTC9
XATKTC8
00h
R55 (37h)
XRELTCL
Expander Release time constant
Low
XRELTC7
XRELTC6
XRELTC5
XRELTC4
XRELTC3
XRELTC2
XRELTC1
XRELTC0
00h
R56 (38h)
XRELTCH
Expander Release time constant
High
XRELTC15
XRELTC14
XRELTC13
XRELTC12
XRELTC11
XRELTC10
XRELTC9
XRELTC8
00h
R57 (39h)
FXCTL
Effects Control
3DEN
TEEN
TNLFBYP
BEEN
BNLFBYP
00h
R58 (3Ah)
DACCRWRL
DACCRAM_WRITE_LO
DACCRWD[7:0]
00h
R59 (3Bh)
DACCRWRM
DACCRAM_WRITE_MID
DACCRWD[15:8]
00h
R60 (3Ch)
DACCRWRH
DACCRAM_WRITE_HI
DACCRWD[23:16]
00h
R61 (3Dh)
DACCRRDL
DACCRAM_READ_LO
DACCRRD[7:0]
00h
R62 (3Eh)
DACCRRDM
DACCRRAM_READ_MID
DACCRRD[15:8]
00h
R63 (3Fh)
DACCRRDH
DACCRRAM_READ_HI
DACCRRD[23:16]
00h
R64 (40h)
DACCRADDR
DACCRAM_ADDR
DACCRADD[7:0]
00h
R65 (41h)
DCOFSEL
DC_COEF_SEL
dc_coef_sel[2:0]
05h
R66-123
RSVD
RSVD
NA
R124(7Ch)
DEVADR
I2C Device Address
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
D4h
R125(7Dh)
DEVIDL
Device IDLow
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
32h
R126(7Eh)
DEVIDH
Device ID High
DID15
DID14
DID13
DID12
DID11
DID10
DID9
DID8
01h
R127(7Fh)
REVID
Device Revision
MAJ3
MAJ2
MAJ1
MAJ0
MNR3
MNR2
MNR1
MNR0
xxh1
R128(80h)
RESET
Reset
Writing 0x85 to this register resets all registers to their default state
00h
R129-R135
(81h - 87h)
Reserved
RSVD
NA
R136(88h)
THERMSPKR2
Speaker Thermal Algorithm
Status
ForcePwd
Status
VolStatus[6:0]
08h
R137-R255
(88h-FFh)
Reserved
RSVD
NA
1.
For device revision information, please contact IDT.
Register
(D15:9)
Name
Remarks
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
Table 68. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com