Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 6Page - Integrated Device Technology ACS32201 Datasheet HTML 7Page - Integrated Device Technology ACS32201 Datasheet HTML 8Page - Integrated Device Technology ACS32201 Datasheet HTML 9Page - Integrated Device Technology ACS32201 Datasheet HTML 10Page - Integrated Device Technology ACS32201 Datasheet HTML 11Page - Integrated Device Technology ACS32201 Datasheet HTML 12Page - Integrated Device Technology ACS32201 Datasheet HTML 13Page - Integrated Device Technology ACS32201 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
IDT CONFIDENTIAL
5
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
3.2.
Volume Control
The signal volume can be controlled digitally, across a gain and attenuation range of -95.25dB to 0dB (0.375dB steps).
The level of attenuation is specified by an eight-bit code, ‘DACVOL_x’, where ‘x’ is L, or R. The value “00000000” indi-
cates mute; other values select the number of 0.375dB steps above -95.625dB for the volume level.
The Volume Update bits control the updating of volume control data; when a bit is written as ‘0’, the Left Volume control
associated with that bit is updated whenever the left volume register is written and the Right Volume control is updated
when ever the right volume register is written. When a bit is written as ‘1’, the left volume data is placed into an internal
holding register when the left volume register is written and both the left and right volumes are updated when the right
volume register is written. This enables a simultaneous left and right volume update
The output path may be muted automatically when a long string of zero data is received. The length of zeros is pro-
grammable and a detection flag indicates when a stream of zero data has been detected.
Register Address
Bit
Label
Type
Default
Description
R10 (0Ah)
VUCTL
7
RSVD
RW
1
Reserved
6
DACFade
RW
1
1 = volume fades between old/new value
0 = volume/mute changes immediately
5:3
RSVD
R
0
Reserved for future use.
2
DACVOLU
RW
0
0 = Left DAC volume updated immediately
1 = Left DAC volume held until right DAC volume
register written.
1
SPKVOLU
RW
0
0 = Left speaker volume updated immediately
1 = Left speaker volume held until right speaker
volume register written.
0
RSVD
RW
0
Reserved
Table 6. Volume Update Control Register
Register Address
Bit
Label
Type
Default
Description
R33 (21h)
Gain Control
(GAINCTL)
7
zerodet_flag
R
0
1 = zero detect length exceeded.
6
RSVD
R
0
Reserved for future use.
5:4
zerodetlen
RW
2
Enable mute if input consecutive zeros exceeds this
length. 0 = 512, 1 = 1k, 2 = 2k, 3 = 4k samples
3
RSVD
R
0
Reserved for future use.
2
auto_mute
RW
1
1 = auto mute if detect long string of zeros on input
1
RSVD
R
0
Reserved for future use.
0
RSVD
R
0
Reserved for future use.
7
zerodet_flag
R
0
1 = zero detect length exceeded.
Table 7. Gain Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com