Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 12Page - Integrated Device Technology ACS32201 Datasheet HTML 13Page - Integrated Device Technology ACS32201 Datasheet HTML 14Page - Integrated Device Technology ACS32201 Datasheet HTML 15Page - Integrated Device Technology ACS32201 Datasheet HTML 16Page - Integrated Device Technology ACS32201 Datasheet HTML 17Page - Integrated Device Technology ACS32201 Datasheet HTML 18Page - Integrated Device Technology ACS32201 Datasheet HTML 19Page - Integrated Device Technology ACS32201 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
IDT CONFIDENTIAL
11
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
Table 13. DACCRAM EQ Addresess
•
DACCRAM Bass/Treble Addresses
0x11
EQ_COEF_0F3_B2
0x31
EQ_COEF_1F3_B2
0x51
EQ_COEF_2F3_B2
0x71
EQ_COEF_3F3_B2
0x12
EQ_COEF_0F3_A1
0x32
EQ_COEF_1F3_A1
0x52
EQ_COEF_2F3_A1
0x72
EQ_COEF_3F3_A1
0x13
EQ_COEF_0F3_A2
0x33
EQ_COEF_1F3_A2
0x53
EQ_COEF_2F3_A2
0x73
EQ_COEF_3F3_A2
0x14
EQ_COEF_0F4_B0
0x34
EQ_COEF_1F4_B0
0x54
EQ_COEF_2F4_B0
0x74
EQ_COEF_3F4_B0
0x15
EQ_COEF_0F4_B1
0x35
EQ_COEF_1F4_B1
0x55
EQ_COEF_2F4_B1
0x75
EQ_COEF_3F4_B1
0x16
EQ_COEF_0F4_B2
0x36
EQ_COEF_1F4_B2
0x56
EQ_COEF_2F4_B2
0x76
EQ_COEF_3F4_B2
0x17
EQ_COEF_0F4_A1
0x37
EQ_COEF_1F4_A1
0x57
EQ_COEF_2F4_A1
0x77
EQ_COEF_3F4_A1
0x18
EQ_COEF_0F4_A2
0x38
EQ_COEF_1F4_A2
0x58
EQ_COEF_2F4_A2
0x78
EQ_COEF_3F4_A2
0x19
EQ_COEF_0F5_B0
0x39
EQ_COEF_1F5_B0
0x59
EQ_COEF_2F5_B0
0x79
EQ_COEF_3F5_B0
0x1A
EQ_COEF_0F5_B1
0x3A
EQ_COEF_1F5_B1
0x5A
EQ_COEF_2F5_B1
0x7A
EQ_COEF_3F5_B1
0x1B
EQ_COEF_0F5_B2
0x3B
EQ_COEF_1F5_B2
0x5B
EQ_COEF_2F5_B2
0x7B
EQ_COEF_3F5_B2
0x1C
EQ_COEF_0F5_A1
0x3C
EQ_COEF_1F5_A1
0x5C
EQ_COEF_2F5_A1
0x7C
EQ_COEF_3F5_A1
0x1D
EQ_COEF_0F5_A2
0x3D
EQ_COEF_1F5_A2
0x5D
EQ_COEF_2F5_A2
0x7D
EQ_COEF_3F5_A2
0x1E
-
0x3E
-
0x5E
-
0x7E
-
0x1F
EQ_PRESCALE0
0x3F
EQ_PRESCALE1
0x5F
EQ_PRESCALE2
0x7F
EQ_PRESCALE3
Addr
Bass
Coefficients1
Addr
Treble
Coefficients
Addr
3D
Coefficients
0x80
BASS_COEF_EXT1_B0
0x97
TREB_COEF_EXT1_B0
0xAE
3D_COEF
0x81
BASS_COEF_EXT1_B1
0x98
TREB_COEF_EXT1_B1
0xAF
3D_MIX
0x82
BASS_COEF_EXT1_B2
0x99
TREB_COEF_EXT1_B2
0x83
BASS_COEF_EXT1_A1
0x9A
TREB_COEF_EXT1_A1
0x84
BASS_COEF_EXT1_A2
0x9B
TREB_COEF_EXT1_A2
0x85
BASS_COEF_EXT2_B0
0x9C
TREB_COEF_EXT2_B0
0x86
BASS_COEF_EXT2_B1
0x9D
TREB_COEF_EXT2_B1
0x87
BASS_COEF_EXT2_B2
0x9E
TREB_COEF_EXT2_B2
0x88
BASS_COEF_EXT2_A1
0x9F
TREB_COEF_EXT2_A1
0x89
BASS_COEF_EXT2_A2
0xA0
TREB_COEF_EXT2_A2
0x8A
BASS_COEF_NLF_M12
0xA1
TREB_COEF_NLF_M1
0x8B
BASS_COEF_NLF_M2
0xA2
TREB_COEF_NLF_M2
0x8C
BASS_COEF_LMT_B0
0xA3
TREB_COEF_LMT_B0
EQ 0
EQ1
Addr
Channel 0
Coefficients
Addr
Channel 1
Coefficients
Addr
Channel 0
Coefficients
Addr
Channel 1
Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com