Electronic Components Datasheet Search
  English  ▼

X  

ACS32201 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 3Page - Integrated Device Technology ACS32201 Datasheet HTML 4Page - Integrated Device Technology ACS32201 Datasheet HTML 5Page - Integrated Device Technology ACS32201 Datasheet HTML 6Page - Integrated Device Technology ACS32201 Datasheet HTML 7Page - Integrated Device Technology ACS32201 Datasheet HTML 8Page - Integrated Device Technology ACS32201 Datasheet HTML 9Page - Integrated Device Technology ACS32201 Datasheet HTML 10Page - Integrated Device Technology ACS32201 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
IDT CONFIDENTIAL
2
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
1. OVERVIEW
1.1.
Block Diagrams
The ACS32201 is an advanced digital Class-D amplifier. To support the design of audio subsystems in a portable
device, the ACS32201 features an intelligent architecture with advanced audio processing algorithms and a 1W/chan-
nel filterless stereo class D amplifier.
Figure 1. ACS32201 Block Diagram
1.2.
Audio Outputs
To enhance the sound available from the small, low-power speakers typically found in a portable device, the ACS32201
provides numerous audio enhancement capabilities. The ACS32201 features dual, independent, programmable
left/right 6-band equalization, allowing the system designer to provide an advanced system equalizer to accommodate
the specific speakers and enclosure design. A compressor/limiter features programmable attack and release thresh-
olds, enabling the system designer to attenuate loud noise excursions to avoid speaker artifacts, thus allowing the
underlying content to be played at a louder volume without distortion. For compressed audio, a programmable
expander is available to help restore the dynamic range of the original content. A stereo depth enhancement algorithm
allows common left/right content (e.g. dialog) to be attenuated separately from other content, providing a perceived
depth separation between background and foreground audio. Psychoacoustic bass and treble enhancement algo-
rithms achieve a rich, full tone even from originally compressed content, and even with speakers generally unable to
play low-frequency sounds.
PLL
Audio Processing
Bass/Treble Enhancement
SYSTEM EQ
SPEAKER EQ
3-D effect
Compressor-limiter
Dynamic Range Expander
DAC Left
Class D Left+
BTL
Digital PWM
controller
DACIN
Class D Right+
DAC Right
Clocking
Control
I2C_SCL
I2C_SDA
DACLRCLK
DACBCLK
MCLK
Internal Audio Clock(s)
PVDD
DVDD_CORE
DVDD_IO
AVDD
vol
BTL
Digital PWM
controller
vol
4
DVSS
AVSS
PVSS
4
4
Vref
SPKR_EN
TEST
4
VDD_XTAL
VDD_PLL2
VDD_PLL1
VDD_PLSS
VSS_PLSS
VSS_XTAL
Class D Left-
Class D Right-
VDD_PLL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com