Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 35Page - Texas Instruments ADS4128 Datasheet HTML 36Page - Texas Instruments ADS4128 Datasheet HTML 37Page - Texas Instruments ADS4128 Datasheet HTML 38Page - Texas Instruments ADS4128 Datasheet HTML 39Page - Texas Instruments ADS4128 Datasheet HTML 40Page - Texas Instruments ADS4128 Datasheet HTML 41Page - Texas Instruments ADS4128 Datasheet HTML 42Page - Texas Instruments ADS4128 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
50
20
100
150
200
Input Frequency (MHz)
SFDR (dBc)
250
300
350
500
100
180
120
140
160
200
70
65
80
60
450
400
80
75
G027
85
57
85
85
85
85
85
85
85
85
82
82
82
82
82
82
88
88
88
79
79
79
79
79
76
76
76
73
73
73
69
69
69
65
65
65
61
61
61
85
85
ADS4128
www.ti.com
SBAS578 – MAY 2012
TYPICAL CHARACTERISTICS: Contour (continued)
At +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock, 1.5-VPP differential
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, 0-dB gain, low-latency mode, DDR LVDS output
interface, and 32k-point FFT, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE
(0-dB Gain)
Figure 38.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com