Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 20Page - Texas Instruments ADS4128 Datasheet HTML 21Page - Texas Instruments ADS4128 Datasheet HTML 22Page - Texas Instruments ADS4128 Datasheet HTML 23Page - Texas Instruments ADS4128 Datasheet HTML 24Page - Texas Instruments ADS4128 Datasheet HTML 25Page - Texas Instruments ADS4128 Datasheet HTML 26Page - Texas Instruments ADS4128 Datasheet HTML 27Page - Texas Instruments ADS4128 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
ADS4128
SBAS578 – MAY 2012
www.ti.com
Register Address 25h (Default = 00h)
7
6
5
4
3
2
1
0
GAIN
DISABLE GAIN
TEST PATTERNS
Bits[7:4]
GAIN: Gain programmability
These bits set the gain programmability in 0.5-dB steps.
0000 = 0-dB gain (default after reset)
0111 = 3.5-dB gain
0001 = 0.5-dB gain
1000 = 4.0-dB gain
0010 = 1.0-dB gain
1001 = 4.5-dB gain
0011 = 1.5-dB gain
1010 = 5.0-dB gain
0100 = 2.0-dB gain
1011 = 5.5-dB gain
0101 = 2.5-dB gain
1100 = 6.0-dB gain
0110 = 3.0-dB gain
Bit 3
DISABLE GAIN: Gain setting
This bit sets the gain.
0 = Gain enabled; gain is set by the GAIN bits only if low-latency mode is disabled
1 = Gain disabled
Bits[2:0]
TEST PATTERNS: Data capture
These bits verify data capture.
000 = Normal operation
001 = Outputs all '0's
010 = Outputs all '1's
011 = Outputs toggle pattern
Output data D[11:0] is an alternating sequence of 010101010101 and 101010101010.
100 = Outputs digital ramp
Output data increments by one LSB (12-bit) every fourth clock cycle from code 0 to code 4095
101 = Output custom pattern (use registers 3Fh and 40h for setting the custom pattern)
110 = Unused
111 = Unused
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com