Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 28Page - Texas Instruments ADS4128 Datasheet HTML 29Page - Texas Instruments ADS4128 Datasheet HTML 30Page - Texas Instruments ADS4128 Datasheet HTML 31Page - Texas Instruments ADS4128 Datasheet HTML 32Page - Texas Instruments ADS4128 Datasheet HTML 33Page - Texas Instruments ADS4128 Datasheet HTML 34Page - Texas Instruments ADS4128 Datasheet HTML 35Page - Texas Instruments ADS4128 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
65
66
67
68
69
70
71
72
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (MHz)
G007
55
60
65
70
75
80
85
90
95
100
105
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
10 MHz
70 MHz
150 MHz
170 MHz
220 MHz
300 MHz
400 MHz
500 MHz
G008
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
Frequency (MHz)
Each Tone at −36−dBFS Amplitude
fIN1 = 185 MHz
fIN2 = 190 MHz
IMD3 = 104.2 dBFS
G005
55
60
65
70
75
80
85
90
95
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (MHz)
G006
ADS4128
SBAS578 – MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock, 1.5-VPP differential
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, 0-dB gain, low-latency mode, DDR LVDS output
interface, and 32k-point FFT, unless otherwise noted.
FFT FOR TWO-TONE INPUT SIGNAL
SFDR vs INPUT FREQUENCY
Figure 16.
Figure 17.
SNR vs INPUT FREQUENCY
SFDR vs DIGITAL GAIN
Figure 18.
Figure 19.
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com