Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 26Page - Texas Instruments ADS4128 Datasheet HTML 27Page - Texas Instruments ADS4128 Datasheet HTML 28Page - Texas Instruments ADS4128 Datasheet HTML 29Page - Texas Instruments ADS4128 Datasheet HTML 30Page - Texas Instruments ADS4128 Datasheet HTML 31Page - Texas Instruments ADS4128 Datasheet HTML 32Page - Texas Instruments ADS4128 Datasheet HTML 33Page - Texas Instruments ADS4128 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
ADS4128
SBAS578 – MAY 2012
www.ti.com
Register Address CFh (Default = 00h)
7
6
5
4
3
2
1
0
FREEZE
BYPASS
OFFSET
OFFSET
OFFSET CORR TIME CONSTANT
0
0
CORR
CORR
Bit 7
FREEZE OFFSET CORR
This bit sets the freeze offset correction.
0 = Estimation of offset correction is not frozen (bit EN OFFSET CORR must be set)
1 = Estimation of offset correction is frozen (bit EN OFFSET CORR must be set). When frozen, the
last estimated value is used for offset correction every clock cycle. See OFFSET CORRECTION,
Offset Correction.
Bit 6
Always write '0'
Bits[5:2]
OFFSET CORR TIME CONSTANT
These bits set the offset correction time constant for the correction loop time constant in number of
clock cycles.
VALUE
TIME CONSTANT (Number of Clock Cycles)
0000
1 M
0001
2 M
0010
4 M
0011
8 M
0100
16 M
0101
32 M
0110
64 M
0111
128 M
1000
256 M
1001
512 M
1010
1 G
1011
2 G
Bits[1:0]
Always write '0'
Register Address DFh (Default = 00h)
7
6
5
4
3
2
1
0
0
0
LOW SPEED
0
0
0
0
Bits[7:1]
Always write '0'
Bit 0
LOW SPEED: Low-speed mode
00, 01, 10 = Low-speed mode disabled (default state after reset); this setting is recommended for
sampling rates greater than 80 MSPS.
11 = Low-speed mode enabled; this setting is recommended for sampling rates less than or equal
to 80 MSPS.
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com