Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 15Page - Texas Instruments ADS4128 Datasheet HTML 16Page - Texas Instruments ADS4128 Datasheet HTML 17Page - Texas Instruments ADS4128 Datasheet HTML 18Page - Texas Instruments ADS4128 Datasheet HTML 19Page - Texas Instruments ADS4128 Datasheet HTML 20Page - Texas Instruments ADS4128 Datasheet HTML 21Page - Texas Instruments ADS4128 Datasheet HTML 22Page - Texas Instruments ADS4128 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
t
SCLK
t
DSU
t
DH
t
SLOADS
t
SLOADH
SDATA
A7
A6
A5
A4
A1
A0
A2
A3
D7
D6
D5
D4
D1
D0
D2
D3
SCLK
SEN
RESET
RegisterAddress
RegisterData
ADS4128
www.ti.com
SBAS578 – MAY 2012
SERIAL INTERFACE
The analog-to-digital converter (ADC) has a set of internal registers that can be accessed by the serial interface
formed by the SEN (serial interface enable), SCLK (serial interface clock), and SDATA (serial interface data)
pins. Serial shift of bits into the device is enabled when SEN is low. Serial data SDATA are latched at every
SCLK falling edge when SEN is active (low). The serial data are loaded into the register at every 16th SCLK
falling edge when SEN is low. If the word length exceeds a multiple of 16 bits, the excess bits are ignored. Data
can be loaded in multiples of 16-bit words within a single active SEN pulse. The first eight bits form the register
address and the remaining eight bits are the register data. The interface can function with an SCLK frequency
from 20 MHz down to very low speeds (of a few Hertz) and also with a non-50% SCLK duty cycle.
Register Initialization
After power-up, the internal registers must be initialized to default values. This initialization can be accomplished
in one of two ways:
1. Either through hardware reset by applying a high pulse on the RESET pin (of widths greater than 10 ns), as
shown in Figure 9; or
2. By applying a software reset. When using the serial interface, set the RESET bit (D7 in register 00h) high.
This setting initializes the internal registers to default values and then self-resets the RESET bit low. In this
case, the RESET pin is kept low.
Figure 9. Serial Interface Timing
SERIAL INTERFACE TIMING CHARACTERISTICS
Typical values are at +25°C, minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX =
+85°C, AVDD = 1.8 V, and DRVDD = 1.8 V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (equal to 1/tSCLK)
> dc
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDSU
SDATA setup time
25
ns
tDH
SDATA hold time
25
ns
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com