Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 29Page - Texas Instruments ADS4128 Datasheet HTML 30Page - Texas Instruments ADS4128 Datasheet HTML 31Page - Texas Instruments ADS4128 Datasheet HTML 32Page - Texas Instruments ADS4128 Datasheet HTML 33Page - Texas Instruments ADS4128 Datasheet HTML 34Page - Texas Instruments ADS4128 Datasheet HTML 35Page - Texas Instruments ADS4128 Datasheet HTML 36Page - Texas Instruments ADS4128 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
−46
−41
−36
−31
−26
−21
−16
−11
−6
−1
66
67
68
69
70
71
72
73
74
75
76
20
30
40
50
60
70
80
90
100
110
120
Amplitude (dBFS)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Input Frequency = 170 MHz
G011
0.8
0.85
0.9
0.95
1
1.05
1.1
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
76
77
78
79
80
81
82
83
84
85
86
Input Common−Mode Voltage (V)
SNR
SFDR
Input Frequency = 40 MHz
G012
57
59
61
63
65
67
69
71
73
75
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Digital Gain (dB)
10 MHz
70 MHz
150 MHz
170 MHz
220 MHz
300 MHz
400 MHz
500 MHz
G009
−46
−41
−36
−31
−26
−21
−16
−11
−6
−1
69
70
71
72
73
74
75
76
77
78
79
20
30
40
50
60
70
80
90
100
110
120
Amplitude (dBFS)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Input Frequency = 40 MHz
G010
ADS4128
www.ti.com
SBAS578 – MAY 2012
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock, 1.5-VPP differential
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, 0-dB gain, low-latency mode, DDR LVDS output
interface, and 32k-point FFT, unless otherwise noted.
SINAD vs DIGITAL GAIN
PERFORMANCE ACROSS INPUT AMPLITUDE
Figure 20.
Figure 21.
PERFORMANCE ACROSS INPUT AMPLITUDE
PERFORMANCE vs INPUT COMMON-MODE VOLTAGE
Figure 22.
Figure 23.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com