Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 19Page - Texas Instruments ADS4128 Datasheet HTML 20Page - Texas Instruments ADS4128 Datasheet HTML 21Page - Texas Instruments ADS4128 Datasheet HTML 22Page - Texas Instruments ADS4128 Datasheet HTML 23Page - Texas Instruments ADS4128 Datasheet HTML 24Page - Texas Instruments ADS4128 Datasheet HTML 25Page - Texas Instruments ADS4128 Datasheet HTML 26Page - Texas Instruments ADS4128 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
Register Address 01h (Default = 00h)
7
6
5
4
3
2
1
0
LVDS SWING
0
0
Bits[7:2]
LVDS SWING: LVDS swing programmability(1)
000000 = Default LVDS swing; ±350 mV with external 100-
Ω termination
011011 = LVDS swing increases to ±410 mV
110010 = LVDS swing increases to ±465 mV
010100 = LVDS swing increases to ±570 mV
111110 = LVDS swing decreases to ±200 mV
001111 = LVDS swing decreases to ±125 mV
Bits[1:0]
Always write '0'
(1)
The EN LVDS SWING register bits must be set to enable LVDS swing control.
Register Address 03h (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
HI PERF MODE 1
Bits[7:2]
Always write '0'
Bits[1:0]
HI PERF MODE 1: High-performance mode 1
00 = Default performance after reset
01 = Do not use
10 = Do not use
11 = For best performance across sampling clock and input signal frequencies, set the HIGH PERF
MODE 1 bits
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com