Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 18Page - Texas Instruments ADS4128 Datasheet HTML 19Page - Texas Instruments ADS4128 Datasheet HTML 20Page - Texas Instruments ADS4128 Datasheet HTML 21Page - Texas Instruments ADS4128 Datasheet HTML 22Page - Texas Instruments ADS4128 Datasheet HTML 23Page - Texas Instruments ADS4128 Datasheet HTML 24Page - Texas Instruments ADS4128 Datasheet HTML 25Page - Texas Instruments ADS4128 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
ADS4128
SBAS578 – MAY 2012
www.ti.com
SERIAL REGISTER MAP
Table 11 summarizes the functions supported by the serial interface.
Table 11. Serial Interface Register Map(1)
REGISTER
DEFAULT VALUE
ADDRESS
AFTER RESET
REGISTER DATA
A[7:0] (Hex)
D[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
0
0
0
0
0
RESET
READOUT
01
00
LVDS SWING
0
0
03
00
0
0
0
0
0
0
HIGH PERF MODE 1
DISABLE
25
00
GAIN
TEST PATTERNS
GAIN
LVDS
LVDS DATA
26
00
0
0
0
0
0
0
CLKOUT
STRENGTH
STRENGTH
EN
3D
00
DATA FORMAT
OFFSET
0
0
0
0
0
CORR
3F
00
CUSTOM PATTERN HIGH D[11:4]
40
00
CUSTOM PATTERN D[3:0]
0
0
0
0
EN
EN
CMOS CLKOUT
41
00
LVDS CMOS
CLKOUT
CLKOUT RISE POSN
CLKOUT
STRENGTH
RISE
FALL
DIS LOW
42
00
CLKOUT FALL POSN
0
0
STBY
0
0
LATENCY
PDN
43
00
0
0
PDN OBUF
0
0
EN LVDS SWING
GLOBAL
HIGH PERF
4A
00
0
0
0
0
0
0
0
MODE 2
BF
00
OFFSET PEDESTAL
0
0
FREEZE
CF
00
OFFSET
0
OFFSET CORR TIME CONSTANT
0
0
CORR
DF
00
0
0
LOW SPEED
0
0
0
0
(1)
Multiple register functions can be programmed in a single write operation.
DESCRIPTION OF SERIAL REGISTERS
For best performance, two special mode register bits must be enabled:
HI PERF MODE 1 and HI PERF MODE 2.
Register Address 00h (Default = 00h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
RESET
READOUT
Bits[7:2]
Always write '0'
Bit 1
RESET: Software reset applied
This bit resets all internal registers to default values and self-clears to 0 (default = 1).
Bit 0
READOUT: Serial readout
This bit sets the serial readout of the registers.
0 = Serial readout of registers disabled; the OVR_SDOUT pin functions as an over-voltage
indicator.
1 = Serial readout enabled; the OVR_SDOUT pin functions as a serial data readout.
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com