Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 23Page - Texas Instruments ADS4128 Datasheet HTML 24Page - Texas Instruments ADS4128 Datasheet HTML 25Page - Texas Instruments ADS4128 Datasheet HTML 26Page - Texas Instruments ADS4128 Datasheet HTML 27Page - Texas Instruments ADS4128 Datasheet HTML 28Page - Texas Instruments ADS4128 Datasheet HTML 29Page - Texas Instruments ADS4128 Datasheet HTML 30Page - Texas Instruments ADS4128 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
Register Address 42h (Default = 00h)
7
6
5
4
3
2
1
0
DIS LOW
CLKOUT FALL CTRL
0
0
STBY
0
0
LATENCY
Bits[7:6]
CLKOUT FALL CTRL
Controls position of output clock falling edge
LVDS interface:
00 = Default position (timings are specified in this condition)
01 = Setup reduces by 400 ps, hold increases by 400 ps
10 = Data transition is aligned with rising edge
11 = Setup reduces by 200 ps, hold increases by 200 ps
CMOS interface:
00 = Default position (timings are specified in this condition)
01 = Falling edge is advanced by 100 ps
10 = Falling edge is advanced by 200 ps
11 = Falling edge is advanced by 1.5 ns
Bits[5:4]
Always write '0'
Bit 3
DIS LOW LATENCY: Disable low latency
This bit disables low-latency mode.
0 = Low-latency mode is enabled. Digital functions such as gain, test patterns, and offset correction
are disabled.
1 = Low-latency mode is disabled. This setting enables the digital functions. See the Digital
Functions and Low-Latency Mode section.
Bit 2
STBY: Standby mode
This bit sets the standby mode.
0 = Normal operation
1 = Only the ADC and output buffers are powered down; internal reference is active; wake-up time
from standby is fast
Bits[1:0]
Always write '0'
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com