Electronic Components Datasheet Search
  English  ▼

X  

ADS4128 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4128 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS4128 Datasheet HTML 45Page - Texas Instruments ADS4128 Datasheet HTML 46Page - Texas Instruments ADS4128 Datasheet HTML 47Page - Texas Instruments ADS4128 Datasheet HTML 48Page - Texas Instruments ADS4128 Datasheet HTML 49Page - Texas Instruments ADS4128 Datasheet HTML 50Page - Texas Instruments ADS4128 Datasheet HTML 51Page - Texas Instruments ADS4128 Datasheet HTML 52Page - Texas Instruments ADS4128 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
V
DIFF
V
DIFF
1.1 V
High
Low
Low
High
OUTP
OUTM
R
OUT
External
100-
Load
W
ADS4128
www.ti.com
SBAS578 – MAY 2012
LVDS Output Data and Clock Buffers
The equivalent circuit of each LVDS output buffer is shown in Figure 52. After reset, the buffer presents a 100-
Ω
output impedance to match the external 100-
Ω termination.
VDIFF voltage is nominally 350 mV, resulting in a ±350-mV output swing with a 100-Ω external termination. VDIFF
voltage is programmable using the LVDS SWING register bits from ±125 mV to ±570 mV.
Additionally, a mode exists to double the LVDS buffer strength to support 50-
Ω differential termination. This
mode can be used when the output LVDS signal is routed to two separate receiver chips, each using a 100-
Ω
termination. This mode can be enabled using the LVDS DATA STRENGTH and LVDS CLKOUT STRENGTH
register bits for data and output clock buffers, respectively.
The buffer output impedance behaves in the same way as a source-side series termination. By absorbing
reflections from the receiver end, it helps to improve signal integrity.
NOTE: Use the default buffer strength to match the 100-
Ω external termination (ROUT = 100 Ω). To match with a 50-Ω external termination,
set the LVDS STRENGTH bit (ROUT = 50 Ω).
Figure 52. LVDS Buffer Equivalent Circuit
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS4128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com