Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 32Page - Texas Instruments TAS3202 Datasheet HTML 33Page - Texas Instruments TAS3202 Datasheet HTML 34Page - Texas Instruments TAS3202 Datasheet HTML 35Page - Texas Instruments TAS3202 Datasheet HTML 36Page - Texas Instruments TAS3202 Datasheet HTML 37Page - Texas Instruments TAS3202 Datasheet HTML 38Page - Texas Instruments TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
8
Electrical Specifications
8.1
Absolute Maximum Ratings
(1)
over operating temperature range (unless otherwise noted)
DVDD
Digital supply voltage range
–0.5 V to 3.8 V
AVDD
Analog supply voltage range
–0.5 V to 3.8 V
3.3-V TTL
–0.5 V to DVDD + 0.5 V
VI
Input voltage range
1.8 V LVCMOS (XTLI)
–0.5 V to 2.3 V
3.3 V TTL
–0.5 V to DVDD + 0.5 V
VO
Output voltage range
1.8 V LVCMOS (XTLO)
–0.5 V to 2.3 V(2)
IIK
Input clamp current (VI < 0 or VI > DVDD)
±20
μA
IOK
Output clamp current (VO < 0 or VO > DVDD)
±20
μA
TA
Operating free-air temperature range
0°C to 70°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Pin XTAL_OUT is the only TAS3202 output that is derived from the internal 1.8-V logic supply. The absolute maximum rating listed is for
reference; only a crystal should be connected to XTAL_OUT.
Note:
•
VR_ANA is derived from TAS3202 internal 1.8-V voltage regulator. This terminal must not be used to power external devices.
•
VR_DIG is derived from TAS3202 internal 1.8-V voltage regulator. This terminal must not be used to power external devices.
•
VR_PLL is derived from TAS3202 internal 1.8-V voltage regulator. This terminal must not be used to power external devices.
8.2
Package Dissipation Ratings
PACKAGE DESCRIPTION
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
PACKAGE
PACKAGE TYPE
PIN COUNT
(mW)
(mW/°C)
(mW)
DESIGNATOR
TQFP
64
PAG
1869
23.36
818
8.3
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
DVDD
Digital supply voltage
3
3.3
3.6
V
AVDD
Analog supply voltage
3
3.3
3.6
V
3.3-V TTL
2
VIH
High-level input voltage
V
1.8-V LVCMOS (XTL_IN)
1.2
3.3-V TTL
0.8
VIL
Low-level input voltage
V
1.8-V LVCMOS (XTL_IN)
0.5
TA
Operating ambient air temperature
0
25
70
°C
TJ
Operating junction temperature
0
105
°C
Analog differential input
2
VRMS
Resistance
10
k
Ω
Analog output load
Capacitance
100
pF
36
Electrical Specifications
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com