Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments TAS3202 Datasheet HTML 10Page - Texas Instruments TAS3202 Datasheet HTML 11Page - Texas Instruments TAS3202 Datasheet HTML 12Page - Texas Instruments TAS3202 Datasheet HTML 13Page - Texas Instruments TAS3202 Datasheet HTML 14Page - Texas Instruments TAS3202 Datasheet HTML 15Page - Texas Instruments TAS3202 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
0x00
DWFMT (Data Word Format)
Ack
IOM
Ack
OW[2:0]
15
IW[2:0]
0
XX
14 13
11 10
8
7
DWFMT
8
15
Ack
xxxxxxxx
Ack
Subaddr
Ack
Slave Addr
S
24
31
OM[3:0]
IM[3:0]
7
4
3
0
xxxxxxxx
Ack
16
23
Output Port
Format
Input Port
Format
Input Port
Word Size
Output Port
Word Size
R0003-01
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
Table 3-1. Supported Data Formats
INPUT SAP (SDIN)
OUTPUT SAP (SDOUT)
2-channel I2S
2-channel I2S
2-channel left-justified
2-channel left-justified
2-channel right-justified
2-channel right-justified
Table 3-2. Serial Data Input and Output Formats
INPUT
OUTPUT
DATA
MAXIMUM
WORD
MODE
CONTROL
CONTROL
SERIAL FORMAT
RATES
SCLK
LENGTHS
IM[3:0]
OM[3:0]
(kHz)
(MHz)
0000
0000
Left-justified
16, 20, 24
2-channel
0001
0001
Right-justified
16, 20, 24
32–48
3.072
0010
0010
I2S
16, 20, 24
Figure 3-1. Serial Data Controls
Table 3-3. Serial Data Input and Output Data Word Sizes
IW1, OW1
IW0, OW0
FORMAT
0
0
Reserved
0
1
16-bit data
1
0
20-bit data
1
1
24-bit data
12
Physical Characteristics
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com