Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 51Page - Texas Instruments TAS3202 Datasheet HTML 52Page - Texas Instruments TAS3202 Datasheet HTML 53Page - Texas Instruments TAS3202 Datasheet HTML 54Page - Texas Instruments TAS3202 Datasheet HTML 55Page - Texas Instruments TAS3202 Datasheet HTML 56Page - Texas Instruments TAS3202 Datasheet HTML 57Page - Texas Instruments TAS3202 Datasheet HTML 58Page - Texas Instruments TAS3202 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
9.10 DAC Control (0x1A, 0x1B, 0x1D)
Table 9-15. DAC Control (0x1A)
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
DAC current control for DAC local reference block and lineout amps =
–
–
–
–
–
–
0
0
default
(recommended setting)
DAC current control for DAC local reference block and lineout amps =
–
–
–
–
–
–
0
1
125% bias current
DAC current control for DAC local reference block and lineout amps =
–
–
–
–
–
–
1
0
75% bias current
DAC current control for DAC local reference block and lineout amps =
–
–
–
–
–
–
1
1
75% bias current
–
–
–
–
0
0
–
–
Not used
–
–
–
–
0
1
–
–
Not used
–
–
–
–
1
0
–
–
Not used
–
–
–
–
1
1
–
–
Not used
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Copyright © 2009–2011, Texas Instruments Incorporated
55
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com