Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 49Page - Texas Instruments TAS3202 Datasheet HTML 50Page - Texas Instruments TAS3202 Datasheet HTML 51Page - Texas Instruments TAS3202 Datasheet HTML 52Page - Texas Instruments TAS3202 Datasheet HTML 53Page - Texas Instruments TAS3202 Datasheet HTML 54Page - Texas Instruments TAS3202 Datasheet HTML 55Page - Texas Instruments TAS3202 Datasheet HTML 56Page - Texas Instruments TAS3202 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
9.9
ADC Current Control Select (0x17, 0x18)
Table 9-13. Current Control Select (0x17)
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
ADC summer current setting (left and right) = 130% of nominal
–
–
–
–
–
–
0
0
current
(Recommended Setting)
ADC summer current setting (left and right) = 100% of nominal
–
–
–
–
–
–
0
1
current
ADC summer current setting (left and right) = 100% of nominal
–
–
–
–
–
–
1
0
current
–
–
–
–
–
–
1
1
ADC summer current setting (left and right) = 70% of nominal current
ADC quantizer current setting (left and right) = 137.5% of nominal
–
–
–
–
0
0
–
–
current
(recommended setting)
ADC quantizer current setting (left and right) = 100% of nominal
–
–
–
–
0
1
–
–
current
ADC quantizer current setting (left and right) = 100% of nominal
–
–
–
–
1
0
–
–
current
ADC quantizer current setting (left and right) = 62.5% of nominal
–
–
–
–
1
1
–
–
current
ADC third integrator current setting (left and right) = 130% of nominal
–
–
0
0
–
–
–
–
current
(Recommended Setting)
ADC third integrator current setting (left and right) = 100% of nominal
–
–
0
1
–
–
–
–
current
ADC third integrator current setting (left and right) = 100% of nominal
–
–
1
0
–
–
–
–
current
ADC third integrator current setting (left and right) = 70% of nominal
–
–
1
1
–
–
–
–
current
ADC reference buffer current setting (left and right) = 130% of
0
0
–
–
–
–
–
–
nominal current
(Recommended Setting)
ADC reference buffer current setting (left and right) = 100% of
0
1
–
–
–
–
–
–
nominal current
ADC reference buffer current setting (left and right) = 100% of
1
0
–
–
–
–
–
–
nominal current
ADC reference buffer current setting (left and right) = 70% of nominal
1
1
–
–
–
–
–
–
current
Copyright © 2009–2011, Texas Instruments Incorporated
53
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com