Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments TAS3202 Datasheet HTML 47Page - Texas Instruments TAS3202 Datasheet HTML 48Page - Texas Instruments TAS3202 Datasheet HTML 49Page - Texas Instruments TAS3202 Datasheet HTML 50Page - Texas Instruments TAS3202 Datasheet HTML 51Page - Texas Instruments TAS3202 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
9.2
Status Register (0x02)
During I2C download, the write operation to indicate that a particular memory is to be written causes the
TAS3202 to set an error bit to indicate a load for that memory type. This error bit is cleared when the
operation completes successfully.
Table 9-3. Status Register (0x02)
D31
D30
D29
D28
D27
D26
D25
D24
DESCRIPTION
–
–
–
–
–
–
–
–
Firmware definable
D23
D22
D21
D20
D19
D18
D17
D16
DESCRIPTION
–
–
–
–
–
–
–
–
Firmware definable
D15
D14
D13
D12
D11
D10
D9
D8
DESCRIPTION
–
–
–
–
–
–
–
–
Firmware definable
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
0
0
–
–
–
–
–
1
Microprocessor program memory load error
0
0
–
–
–
–
1
–
Microprocessor external data memory load error
0
0
–
–
–
1
–
–
Audio DSP core program memory load error
0
0
–
–
1
–
–
–
Audio DSP core upper coefficient memory load error
0
0
–
1
–
–
–
–
Audio DSP core upper data memory load error
0
0
1
–
–
–
–
–
Invalid memory select
1
1
1
1
0
0
0
0
End-of-load header error
1
1
1
1
1
1
1
1
N, IC sampling clock is 33 MHz divided by 2N
0
0
0
0
0
0
0
0
No errors
48
Copyright © 2009–2011, Texas Instruments Incorporated
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com