Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 3Page - Texas Instruments TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments TAS3202 Datasheet HTML 10Page - Texas Instruments TAS3202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Differential
Analog Out
Differential
Analog In
MCLK_IN
LRCLK_IN
SCLK_IN
MCLK_OUTx
LRCLK_OUT
SCLK_OUT
I2C Port #1
I2C Port #2
SDIN1
SDIN2
Output
SAP
Stereo
DAC
Volume
Update
Input
SAP
Stereo
ADC
PLL
and
Clock
Control
TAS3202
I2C
Interface
Digital Audio
Processor Core
48-Bit Data Path
28-Bit Coefficients
76-Bit MAC
3K Code RAM
1K Upper Data RAM
768 Lower Data RAM
1.2K Coeff. RAM
Boot ROM
8051 MCU
8-Bit Microprocessor
256 IRAM
2K ERAM
16K Code RAM
10K Code ROM
2
2
3
2
2
SDOUT1
SDOUT2
4
2
4
2
PAG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
I2C1_SCL
I2C1_SDA
GPIO2
GPIO1
MUTE
CS0
PDN
DVSS1
DVDD1
VR_PLL
AVSSI
AIN1LP
AIN1LM
AIN1RP
AIN1RM
AIN2LP
MCLK_OUT1
MCLK_OUT2
MCLK_OUT3
DVDD2
DVSS2
MCLK_IN
XTAL_OUT
XTAL_IN
AVDD3
VR_ANA
AVSS_ESD
AVSSO
AOUTRP
AOUTRM
AOUTLP
AOUTLM
NC – No internal connection
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
3
Physical Characteristics
3.1
Terminal Assignments
Copyright © 2009–2011, Texas Instruments Incorporated
Physical Characteristics
7
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com