Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 33Page - Texas Instruments TAS3202 Datasheet HTML 34Page - Texas Instruments TAS3202 Datasheet HTML 35Page - Texas Instruments TAS3202 Datasheet HTML 36Page - Texas Instruments TAS3202 Datasheet HTML 37Page - Texas Instruments TAS3202 Datasheet HTML 38Page - Texas Instruments TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
8.4
Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3-V TTL
IOH = –4 mA
2.4
VOH
High-level output voltage
V
1.8-V LVCMOS
IOH = –0.55 mA
1.44
(XTL_OUT)
3.3-V TTL
IOL = 4 mA
0.5
VOL
Low-level output voltage
V
1.8-V LVCMOS
IOL = 0.75 mA
0.4
(XTL_OUT)
IOZ
High-impedance output current
3.3-V TTL
VI = VIL
±20
μA
3.3-V TTL
VI = VIL
±20
IIL
Low-level input current
μA
1.8-V LVCMOS
VI = VIL
±20
(XTL_IN)
3.3-V TTL
VI = VIH
±20
IIH
High-level input current
μA
1.8-V LVCMOS
VI = VIH
±20
(XTL_IN)
MCLK_IN = 24.576 MHz,
IDVDD
Digital supply current
Normal operation
130
mA
LRCLK = 48 kHz
MCLK_IN = 24.576 MHz,
IAVDD
Analog supply current
Normal operation
60
mA
LRCLK = 48 kHz
MCLK_IN = 24.576 MHz,
Normal operation
627
mW
LRCLK = 48 kHz
Power
With voltage regulators on
23
mW
Dissipation
Digital and analog supply current
Standby mode
(Total)
With voltage regulators off
825
μW
Reset mode
20
mW
VR_ANA
Internal voltage regulator – analog
1.6
1.8
1.98
V
VR_PLL
Internal voltage regulator – PLL
1.6
1.8
1.98
V
VR_DIG
Internal voltage regulator – digital
1.6
1.8
1.98
V
Copyright © 2009–2011, Texas Instruments Incorporated
Electrical Specifications
37
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com