Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 34Page - Texas Instruments TAS3202 Datasheet HTML 35Page - Texas Instruments TAS3202 Datasheet HTML 36Page - Texas Instruments TAS3202 Datasheet HTML 37Page - Texas Instruments TAS3202 Datasheet HTML 38Page - Texas Instruments TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments TAS3202 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
8.5
Audio Specifications
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, Fs = 48 kHz, 1-kHz sine wave full scale, over operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Evaluation module, A-weighted,
Dynamic range
100
dB
Overall performance:
–60 dB with respect to full scale
input ADC – DAP –
Evaluation module, –3 dB with
DAC – line out
THD+N
101
dB
respect to full scale
A-weighted, –60 dB with respect to
Dynamic range
102
dB
full scale
THD+N
–4 dB with respect to full scale
93
dB
One channel = –3 dB,
Crosstalk
84
dB
ADC section
Other channel = 0 V
Power supply rejection ratio
1 kHz, 100 mVpp on AVDD
57
dB
Input resistance
20
k
Ω
Input capacitance
10
pF
Pass-band edge
0.45Fs
Hz
Pass-band ripple
±0.01
dB
ADC decimation filter
Stop-band edge
0.55Fs
Hz
Stop-band attenuation
100
dB
Group delay
37÷Fs
Sec
Differential full-scale
2
VRMS
output voltage
A-weighted, –60 dB with respect to
Dynamic range
105
dB
full scale
THD+N
–1-dBFS input, 0-dB gain
95
dB
One channel –3 dBFS,
DAC to ADC
84
dB
Other channel 0 V
DAC section
One channel –3 dB,
Crosstalk
ADC to DAC
84
dB
Other channel 0 V
One channel –3 dBFS;
DAC to DAC
84
dB
Other channel 0 V
Power-supply rejection ratio
1 kHz, 100 mVpp on AVDD
56
dB
DC offset
With respect to VREF
mV
Pass-band edge
0.45Fs
Hz
Pass-band ripple
±0.06
dB
1.45 Fs to
Transition band
Hz
0.55Fs
DAC interpolation filter
Stop-band edge
7.4Fs
Hz
Stop-band attenuation
-65
dB
Filter group delay
21÷Fs
Sec
38
Electrical Specifications
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com