Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 11Page - Texas Instruments TAS3202 Datasheet HTML 12Page - Texas Instruments TAS3202 Datasheet HTML 13Page - Texas Instruments TAS3202 Datasheet HTML 14Page - Texas Instruments TAS3202 Datasheet HTML 15Page - Texas Instruments TAS3202 Datasheet HTML 16Page - Texas Instruments TAS3202 Datasheet HTML 17Page - Texas Instruments TAS3202 Datasheet HTML 18Page - Texas Instruments TAS3202 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
20-BitMode
16-BitMode
15
14
MSB
LSB
SCLK
32Clks
RightChannel
2-ChannelRight-Justified(SonyFormat)StereoInput
T0034-03
19
18
1
19
18
1
0
0
0
15
14
15
14
23
22
1
15
14
MSB
LSB
19
18
1
19
18
1
0
0
0
15
14
15
14
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
3.9.3
2-Channel Right-Justified Timing
In 2-channel right-justified (RJ) timing, LRCLK is HIGH when left-channel data is transmitted and LOW
when right-channel data is transmitted. SCLK is a bit clock running at 64 × fS which clocks in each bit of
the data. The first bit of data appears on the data lines eight bit-clock periods (for 24-bit data) after LRCLK
toggles. In the RJ mode, the last bit clock before LRCLK transitions always clocks the least-significant bit
(LSB) of data. The data is written MSB first and is valid on the rising edge of the bit clock. The TAS3202
masks unused leading data-bit positions.
Figure 3-4. Right-Justified 64fS Format
3.9.4
SAP Input to SAP Output—Processing Flow
All SAP data format options other than I2S result in a two-sample delay from input to output. If I2S
formatting is used for both the input SAP and the output SAP, the polarity of RCLK must be inverted.
However, if I2S format conversions are performed between input and output, the delay becomes either 1.5
samples or 2.5 samples, depending on the processing clock frequency selected for the audio DSP core
relative to the sample rate of the incoming data.
The I2S format uses the falling edge of LRCLK to begin a sample period, whereas all other formats use
the rising edge of LRCLK to begin a sample period. This means that the input SAP and audio DSP core
operate on sample windows that are 180° out of phase with respect to the sample window used by the
output SAP. This phase difference results in the output SAP outputting a new data sample at the midpoint
of the sample period used by the audio DSP core to process the data. If the processing cycle completes
all processing tasks before the midpoint of the processing sample period, the output SAP outputs this
processed data. However, if the processing time extends past the midpoint of the processing sample
period, the output SAP outputs the data processed during the previous processing sample period. In the
former case, the delay from input to output is 1.5 samples. In the latter case, the delay from input to output
is 2.5 samples.
Copyright © 2009–2011, Texas Instruments Incorporated
Physical Characteristics
15
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com