Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments TAS3202 Datasheet HTML 42Page - Texas Instruments TAS3202 Datasheet HTML 43Page - Texas Instruments TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments TAS3202 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
8.10 Pin-Related Characteristics of the SDA and SCL I/O Stages for F/S-Mode I
2C-Bus
Devices
STANDARD
FAST
MODE
MODE
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
VIL
LOW-level input voltage
–0.5
0.8
–0.5
0.8
V
VIH
HIGH-level input voltage
2
2
V
Vhys
Hysteresis of inputs
N/A
N/A
0.05 VDD
V
LOW-level output voltage (open drain
VOL1
3-mA sink current
0
0.4
V
or open collector)
Bus capacitance from 10 pF
7 + 0.1 Cb
tof
Output fall time from VIHmin to VILmax
250
250
ns
to 400 pF
(1)
II
Input current, each I/O pin
–10
10
–10(2)
10(2)
μA
SCL pulse duration of spikes that must
tSP(SCL)
N/A
N/A
14(3)
ns
be suppressed by the input filter
SDA pulse duration of spikes that must
tSP(SDA)
N/A
N/A
22(3)
ns
be suppressed by the input filter
CI
Capacitance, each I/O pin
10
10
pF
(1)
Cb = capacitance of one bus line in pF. The output fall time is faster than the standard I
2C specification.
(2)
The I/O pins of fast-mode devices must not obstruct the SDA and SDL lines if VDD is switched off.
(3)
These values are valid at the 135-MHz DSP clock rate. If DSP clock is reduced by half, the tSP doubles.
8.11 Bus-Related Characteristics of the SDA and SCL I/O Stages for F/S-Mode I
2C-Bus
Devices
all values are referred to VIHmin and VILmax (see Section 8.10)
STANDARD MODE
FAST MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL clock frequency
0
100
0
400(1)
kHz
Hold time (repeated) START condition. After this period, the first
tHD-STA
4
0.6
μs
clock pulse is generated.
tLOW
LOW period of the SCL clock
4.7
1.3
μs
tHIGH
HIGH period of the SCL clock
4
0.6
μs
tSU-STA
Setup time for repeated START
4.7
0.6
μs
tSU-DAT
Data setup time
250
100
μs
tHD-DAT
Data hold time (2) (3)
0
3.45
0
0.9
μs
tr
Rise time of both SDA and SCL signals
1000
20 + 0.1 Cb
(4)
300
ns
tf
Fall time of both SDA and SCL
300
20 + 0.1 Cb
(4)
300
ns
tSU-STO
Setup time for STOP condition
4
0.6
μs
tBUF
Bus free time between a STOP and START condition
4.7
1.3
μs
Cb
Capacitive load for each bus line
400
400
pF
Noise margin at the LOW level for each connected device
VnL
0.1VDVDD
0.1VDVDD
V
(including hysteresis)
Noise margin at the HIGH level for each connected device
VnH
0.2VDVDD
0.2VDVDD
V
(including hysteresis)
(1)
In master mode, the maximum speed is 375 kHz.
(2)
Note that SDA does not have the standard I2C specification 300-ns internal hold time. SDA must be valid by the rising and falling edges
of SCL. TI recommends that a 2-k
Ω pullup resistor be used to avoid potential timing issues.
(3)
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tSU-DAT ≥ 250 ns must then be met.
This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tr-max + tSU-DAT = 1000 + 250 = 1250 ns (according to the
standard-mode I2C bus specification) before the SCL line is released.
(4)
Cb = total capacitance of one bus line in pF
Copyright © 2009–2011, Texas Instruments Incorporated
Electrical Specifications
43
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com