Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 51Page - STMicroelectronics SPIRIT1 Datasheet HTML 52Page - STMicroelectronics SPIRIT1 Datasheet HTML 53Page - STMicroelectronics SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
55/94
Preamble (programmable field): the length of the preamble is programmable from 1 to 32
bytes by the PREAMBLE_LENGTH field of the PCKTCTRL2 register. Each preamble byte is
a '10101010' binary sequence.
Sync (programmable field): the length of the synchronization field is programmable (from 1
to 4 bytes) through dedicated registers. The synchronization word is programmable through
registers SYNC1, SYNC2, SYNC3, and SYNC4. If the programmed sync length is 1 then
only the SYNC1 word is transmitted; if the programmed sync length is 2 then only SYNC1
and SYNC2 words are transmitted and so on.
Length (programmable/optional field): the packet length field is an optional field that is
defined as the cumulative length of Address (2 bytes always), Control, and Payload fields. It
is possible to support fixed and variable packet length. In fixed mode, the field length is not
used.
Destination address (programmable field): When the destination address filtering is
enabled in the receiver, the packet handler engine compares the destination address field of
the packet received with the value of register TX_SOURCE_ADDR. If broadcast address
and/or multicast address filtering are enabled the packet handler engine compares the
destination address with the programmed broadcast and/or multicast address.
Source address (programmable field): is filled with the value of register
TX_SOURCE_ADDR. When source address filtering is enabled in the receiver, the packet
handler engine compares the source address received with the programmed source
address reference using the source mask address programmed.
The field ADDRESS_LEN of the PCKTCTRL4 register must be set always to 2.
Control (programmable/optional field): is programmable from 0 to 4 bytes through the
CONTROL_LEN field of the PCKTCTRL4 register. Control fields of the packet can be set
using the TX_CTRL_FIELD[3:0] register.
Sequence number (programmable field): is a 2-bit field and contains the sequence number
of the transmitted packet. It is incremented automatically every time a new packet is
transmitted. In the receiver it is used (together with the CRC field) to detect if the received
packet is new or retransmitted. It can be re-loaded with the value in the
TX_SEQ_NUM_RELOAD[1:0] field of the PROTOCOL[2] register, by using the
SEQUENCE_UPDATE command.
NO_ACK (programmable field): 1 means for the receiver that the packet is not to be auto-
acknowledged. It is programmed by the bit field NACK_TX of the register PROTOCOL[2]. It
is important set to 0 this bit field in any other packet format.
Payload (programmable/optional field): the device supports both fixed and variable payload
length transmission from 0 to 65535 bytes.
On the transmitter, the payload length is always set as: PCKTLEN1 × 256 + PCKTLEN0.
On the receiver, if the field FIX_VAR_LEN of the PCKTCTRL2 register is set to 1, the
payload length is directly extracted from the received packet itself; if FIX_VAR_LEN is set to
0, the payload length is controlled by the PCKTLEN0 and PCKTLEN1 registers as the
transmitter.
In variable length mode, the width of the binary field transmitted, where the actual length of
payload is written, can be configured through the field LEN_WIDTH of the PCKTCTRL3
register according to the maximum length expected in the specific application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com