Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics SPIRIT1 Datasheet HTML 90Page - STMicroelectronics SPIRIT1 Datasheet HTML 91Page - STMicroelectronics SPIRIT1 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
Register table
SPIRIT1
88/94
Doc ID 022758 Rev 3
IRQ_MASK[0]
0x93
7:0
INT_MASK [7:0]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 12.
PM_CONFIG
0xA4
7
Reserved
0
R/W
6
EN_TS_BUFFER
0
1: temperature sensor output is
buffered
5:0
Reserved
00110
0
MC_STATE[1]
0xC0
7:4
Reserved
0101
R
3
ANT_SELECT
0
Currently selected antenna
2
TX_FIFO_Full
0
1: TX FIFO is full
1
RX_FIFO_Empty
0
1: RX FIFO is empty
0
ERROR_LOCK
0
1: RCO calibrator error
MC_STATE[0]
0xC1
7:1
STATE[6:0]
0
R
Current MC state. See
Table 17.
0
XO_ON
0
1: XO is operating
TX_PCKT_INFO
0xC2
7:6
Reserved
0
R
5:4
TX_SEQ_NUM
0
Current TX packet sequence
number
3:0
N_RETX
0
Number of retransmissions
done on the last TX packet
RX_PCKT_INFO
0xC3
7:3
Reserved
0
R
2NACK_RX
0
NACK field of the received
packet
1:0
RX_SEQ_NUM
0
Sequence number of the
received packet
AFC_CORR
0xC4
7:0
AFC_CORR[7:0]
0
R
AFC word of the received
packet
LINK_QUALIF[2]
0xC5
7:0
PQI[7:0]
0
R
PQI value of the received
packet
LINK_QUALIF[1]
0xC6
7CS
0
R
Carrier sense indication
6:0
SQI[6:0]
0
SQI value of the received
packet
LINK_QUALIF[0]
0xC7
7:4
LQI [3:0]
0
R
LQI value of the received
packet
3:0
AGC_WORD
0
AGC word of the received
packet
RSSI_LEVEL
0xC8
7:0
RSSI_LEVEL
0
R
RSSI level of the received
packet
Table 41.
Frequently used registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com