Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 64Page - STMicroelectronics SPIRIT1 Datasheet HTML 65Page - STMicroelectronics SPIRIT1 Datasheet HTML 66Page - STMicroelectronics SPIRIT1 Datasheet HTML 67Page - STMicroelectronics SPIRIT1 Datasheet HTML 68Page - STMicroelectronics SPIRIT1 Datasheet HTML 69Page - STMicroelectronics SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
MCU interface
SPIRIT1
68/94
Doc ID 022758 Rev 3
10.2
Interrupts
In order to notify the MCU of a certain number of events an interrupt signal is generated on
a selectable GPIO. The following events trigger an interrupt to the MCU:
All interrupts are reported on a set of interrupt status registers and are individually
maskable. The interrupt status register must be cleared upon a read event from the MCU.
The status of all the interrupts is reported on the IRQ_STATUS[3:0] registers: bits are high
for the events that have generated any interrupts. The interrupts are individually maskable
Table 32.
Interrupts
Bit
Events group
Interrupt event
0
Packet oriented
RX data ready
1
RX data discarded (upon filtering)
2TX data sent
3
Max. re-TX reached
4
CRC error
5
TX FIFO underflow/overflow error
6
RX FIFO underflow/overflow error
7
TX FIFO almost full
8
TX FIFO almost empty
9
RX FIFO almost full
10
RX FIFO almost empty
11
Max. number of backoff during CCA
12
Signal quality related
Valid preamble detected
13
Sync word detected
14
RSSI above threshold (carrier sense)
15
Device status related
Wake-up timeout in LDCR mode(1)
1.
The interrupt flag n.15 is set (and consequently the interrupt request) only when the XO clock is available
for the state machine. This time may be delayed compared to the actual timer expiration. However, the real
time event can be sensed putting the end-of-counting signal on a GPIO output.
16
READY(2)
2.
The interrupt flag n.16 is set each time the SPIRIT1 goes to READY state and the XO has completed its
setting transient (XO ready condition detected).
17
STANDBY state switching in progress
18
Low battery level
19
Power-on reset
20
Brownout event
21
LOCK
29
Timer related
RX operation timeout
30
Others
AES end–of–operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com