Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics SPIRIT1 Datasheet HTML 16Page - STMicroelectronics SPIRIT1 Datasheet HTML 17Page - STMicroelectronics SPIRIT1 Datasheet HTML 18Page - STMicroelectronics SPIRIT1 Datasheet HTML 19Page - STMicroelectronics SPIRIT1 Datasheet HTML 20Page - STMicroelectronics SPIRIT1 Datasheet HTML 21Page - STMicroelectronics SPIRIT1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
Characteristics
SPIRIT1
18/94
Doc ID 022758 Rev 3
RXSENS
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED(2)
433 MHz OOK 1.2 kbps (CH
Filter=6 kHz)
-116
dBm
433 MHz OOK 2.4 kbps (CH
Filter=12 kHz)
-113
dBm
433 MHz OOK 38.4 kbps (CH
Filter=100 kHz)
-99
dBm
433 MHz OOK 250 kbps (CH
Filter=540 kHz)
-87
dBm
Sensitivity, 1% PER (packet
length = 20 bytes) FEC
DISABLED (2)
868 MHz OOK 1.2 kbps (CH
Filter=6 kHz)
-116
dBm
868 MHz OOK 2.4 kbps (CH
Filter=12 kHz)
-113
dBm
868 MHz OOK 38.4 kbps (CH
Filter=100 kHz)
-100
dBm
868 MHz OOK 250 kbps (CH
Filter=540 kHz)
-90
dBm
PSAT
Saturation 1% PER (packet
length = 20 bytes) FEC
DISABLED
868 MHz 2-GFSK (BT=1) 38.4
kbps (20 kHz dev. CH Filter=100
kHz)
-5
dBm
IIP3
Input third order intercept
Input power -50 dBm 915 MHz
-37
-31
-26
dBm
C/I1-CH
(3)
Adjacent channel rejection,
1% PER (packet length = 20
bytes) FEC DISABLED 868
MHz
Desired channel 3 dB above
sensitivity level. 12.5 kHz channel
spacing, 2-FSK 1.2 kbps, (1 kHz
dev. CH Filter=6 kHz)
49
dB
Desired channel 3 dB above
sensitivity level. 1100 kHz channel
spacing, 2-FSK 1.2 kbps, (4.8 kHz
dev. CH Filter=58 kHz)
40
dB
Desired channel 3 dB above
sensitivity level. 200 kHz channel
spacing, 2-GFSK (BT=1) 38.4
kbps, (20 kHz dev. CH Filter=100
kHz)
40
dB
Desired channel 3 dB above
sensitivity level. 750 kHz channel
spacing, 2-GFSK (BT=1) 250
kbps, (127 kHz dev. CH Filter=540
kHz)
38
dB
Table 10.
RF receiver characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com