Electronic Components Datasheet Search
  English  ▼

X  

SPIRIT1 Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 78Page - STMicroelectronics SPIRIT1 Datasheet HTML 79Page - STMicroelectronics SPIRIT1 Datasheet HTML 80Page - STMicroelectronics SPIRIT1 Datasheet HTML 81Page - STMicroelectronics SPIRIT1 Datasheet HTML 82Page - STMicroelectronics SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Register table
SPIRIT1
82/94
Doc ID 022758 Rev 3
MBUS_CTRL
0x3D
7:4
Reserved
00000
R/W
3:1
MBUS_SUBMODE[2:0
]
000
MBUS sub mode: allowed
values are 0, 1, 3 and 5
WM-BUS sub mode:
0: S1 S2 long header,
1: S1m S2 T2 other to meter,
3: T1 T2 meter to other,
5: R2 short header
0
Reserved
0
FIFO_CONFIG[3]
0x3E
7
Reserved
0
R/W
6:0
rxafthr [6:0]
110000 R/W
FIFO almost full threshold for
RX FIFO
FIFO_CONFIG[2]
0x3F
7
Reserved
0
R/W
6:0
rxaethr [6:0]
110000 R/W
FIFO almost empty threshold
for RX FIFO
FIFO_CONFIG[1]
0x40
7
Reserved
0
R/W
6:0
txafthr [6:0]
110000 R/W
FIFO almost full threshold for
TX FIFO
FIFO_CONFIG[0]
0x41
7
Reserved
0
R/W
6:0
txaethr [6:0]
110000 R/W
FIFO almost empty threshold
for TX FIFO
PCKT_FLT_GOALS[12]
0x42
7:0
CONTROL0_MASK
0
R/W
For received packet only: all
0s: no filtering on control field
PCKT_FLT_GOALS[11]
0x43
7:0
CONTROL1_MASK
0
R/W
For received packet only: all
0s: no filtering on control field
PCKT_FLT_GOALS[10]
0x44
7:0
CONTROL2_MASK
0
R/W
For received packet only: all
0s: no filtering on control field
PCKT_FLT_GOALS[9]
0x45
7:0
CONTROL3_MASK
0
R/W
For received packet only: all
0s: no filtering on control field
PCKT_FLT_GOALS[8]
0x46
7:0
CONTROL0_FIELD
0
R/W
Control field (byte 3) to be
used as reference for receiver
PCKT_FLT_GOALS[7]
0x47
7:0
CONTROL1_FIELD
0
R/W
Control field (byte 2) to be
used as reference for receiver
PCKT_FLT_GOALS[6]
0x48
7:0
CONTROL2_FIELD
0
R/W
Control field (byte 1) to be
used as reference for receiver
PCKT_FLT_GOALS[5]
0x49
7:0
CONTROL3_FIELD
0
R/W
Control field (byte 0) to be
used as reference for receiver
PCKT_FLT_GOALS[4]
0x4A
7:0
RX_SOURCE_MASK
0
R/W
For received packet only: all
0s: no filtering
PCKT_FLT_GOALS[3]
0x4B
7:0
RX_SOURCE_ADDR
0
R/W
RX packet source / TX packet
destination fields
Table 40.
Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com